Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-076K34L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC0603FR-076K34L
Description  This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0603FR-076K34L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC0603FR-076K34L Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0603FR-076K34L Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
2
9
SERIES
RC
0603 (RoHS Compliant)
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
RC0603 X R - XX XXXX L
(1) (2) (3) (4)
(5)
(6)
(1) TOLERANCE
F = ±1%
J = ±5% (for Jumper ordering, use code of J)
(2) PACKAGING TYPE
R = Paper / PE taping reel
(3) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(4) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
(5) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(6) OPTIONAL CODE
L = optional symbol (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RC0603 series chip resistors
with lead-free terminations made
by thick film process.
APPLICATIONS
All general purpose application
FEATURES
RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used
in products/production
Halogen Free Epoxy
ORDERING EXAMPLE
The ordering code of a RC0603
chip resistor, value 56 X with
±1% tolerance, supplied in 7-inch
tape reel is: RC0603FR-0756R(L).
NOTE
1. All our RSMD products meet RoHS
compliant. "LFP" of the internal 2D reel
label mentions "Lead Free Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER /
12NC can be added (both are on
customer request)
Resistance rule of global part
number
Resistance code rule
Example
0R
0R = Jumper
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - RC0603FR-076K34L

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
RC0603FR-076K2L DIALOG-RC0603FR-076K2L Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
logo
YAGEO Corporation
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0603FR-076K34L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-072KL ETC2-RC0603FR-072KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07100RL ETC2-RC0603FR-07100RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-072M2L ETC2-RC0603FR-072M2L Datasheet
764Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-075K1L ETC2-RC0603FR-075K1L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603JR-0712RL ETC2-RC0603JR-0712RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-071K5L ETC2-RC0603FR-071K5L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07120KL ETC2-RC0603FR-07120KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07453RL ETC2-RC0603FR-07453RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07430RL ETC2-RC0603FR-07430RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com