Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66301-3.3TA5TG Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM66301-3.3TA5TG
Description  3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66301-3.3TA5TG Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM66301-3.3TA5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 13Page - Gamma Microelectronics Inc. GM66301-3.3TA5TG Datasheet HTML 14Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
GM66300 Series
3.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Note 1.
Exceeding the absolute maximum ratings may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handing precautions recommended.
Note 4.
PD(max)=(TJ(max)-TA)+θJA, where θJA depends upon the printed circuit layout. See “Applications Information”.
Note 5.
Output voltage temperature coefficient is .VOUT(worst case)+(TJ(max)- TJ(min)) where TJ(max) is +125°C and TJ(min) is
-40°C.
Note 6.
VDO=VIN-VOUT when VOUT decreases to 99% of its nominal output voltage with VIN=VOUT+1V. For output voltages
below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.5V. Minimum
input operating voltage is 2.5V.
Note 7.
IGND is the quiescent current. IIN=IGND+IOUT.
Note 8.
VEN≒0.8V, VIN≒8V, and VOUT=0V.
Note 9.
For 1.8V device, VIN=2.5V.


Similar Part No. - GM66301-3.3TA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66301-1.8TA5R GAMMA-GM66301-1.8TA5R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66301-1.8TA5T GAMMA-GM66301-1.8TA5T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66301-1.8TB5T GAMMA-GM66301-1.8TB5T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66301-2.5TA5R GAMMA-GM66301-2.5TA5R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66301-2.5TA5T GAMMA-GM66301-2.5TA5T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66301-3.3TA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com