Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP600 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP600
Description  UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP600 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP600 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP600 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hitron Electronics Corporation. B4-11, P.O. Box 26-110 Kaohsiung Export Processing Zone Kaohsiung 806 Taiwan
TEL: 886-7-8210410/FAX: 886-7-8419917, 886-7-8210511/E-mail: sales@hitron-e.com /Web-site: www.hitron-e.com
2
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.24kgs (2.74lb)
DERATING CHART
DUAL OUTPUT
MAIN +VO1 @★≡⊙
AUX +VO2 @★≡⊙
MODEL NO.
Min.
Typ.
Volt.
Max.
Peak
Min.
Typ.
Volt.
Max.
Peak
HVP600-D560I
0A
7.2A
+56V
7.2A
7.2A
0A
16.6A
+12V
16.6A
16.6A
Symbol: "★" OVP built-in.
"@" Adjustable. "≡" Load Sharing. "⊙" Installed with Or-ing diode.
Remark: Maximum Output Power <=600 Watt
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
CNT1
CNT2
L
N
G
P1
P2
D1
D2
D3
D4
D5
D6
P3
P4
Alert
A2
DGND
5VSB
N/A
56V_CS
C1
C2
C3
C4
C5
C6
PS_PRNT
A1
PS_EN_IN DCOK_12V_L N/A
N/A
B1
B2
B3
B4
B5
B6
12V_CS
A0
PS_EN_OUT DCOK_56V_L N/A
N/A
A1
A2
A3
A4
A5
A6
LINE
NEUTRAL
GND
VO2
COM
SCL
SDA
AC_FAIL
FAN_FAL
N/A
N/A
VO1
RTN
VO1


Similar Part No. - HVP600

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
M-System Co.,Ltd.
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Anshan Leadsun Electron...
HVP-08 LEADSUN-HVP-08 Datasheet
305Kb / 1P
   High Voltage Silicon Assembly Series
logo
GETAI ELECTRONICS DEVIC...
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
   10kV 750mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVP600

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
logo
Total Power Internation...
TPVP-93 TOTAL-POWER-TPVP-93 Datasheet
382Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION
TPPU-100 TOTAL-POWER-TPPU-100 Datasheet
393Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com