Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1206FR-071M5L Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RC1206FR-071M5L
Description  This specification describes RCI206 series chip resistors with lesd-free terminations made by thick film process
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC1206FR-071M5L Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  RC1206FR-071M5L Datasheet HTML 1Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC1206FR-071M5L Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jul 02, 2009 V.4
Product specification
9
9
SERIES
RC
1206 (RoHS Compliant)
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION DESCRIPTION
Version 4
Jul 02, 2009
-
- Test Items and methods updated
- Test requirements upgraded
Version 3
Jul 15, 2008
-
- Change to dual brand datasheet that describe RC1206 with RoHS compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 2
Sep 03, 2004 -
- New datasheet for 1206 thick film 1% and 5% with lead-free terminations
- Replace the 1206 part of pdf files: RC01_11_21_31_5, RC02_12_22_32_10,
and HRC01_5_4
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
- High ohmic products combined into standard products.
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - RC1206FR-071M5L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1206FR-071M YAGEO-RC1206FR-071M Datasheet
465Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC1206FR-071ML YAGEO-RC1206FR-071ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
Infineon Technologies A...
RC1206FR-071ML INFINEON-RC1206FR-071ML Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
RC1206FR-071ML INFINEON-RC1206FR-071ML Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
logo
YAGEO Corporation
RC1206FR-071MP YAGEO-RC1206FR-071MP Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC1206FR-071M5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1206JR-0710RL ETC2-RC1206JR-0710RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lesd-free terminations made by thick film process
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-070RL ETC2-RC1206JR-070RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-072R2L ETC2-RC1206JR-072R2L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-0733KL ETC2-RC1206JR-0733KL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process
RC1206JR-0747RL ETC2-RC1206JR-0747RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process
RC1206FR-076R8L ETC2-RC1206FR-076R8L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process
RC1206FR-0760R4L ETC2-RC1206FR-0760R4L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations bade by thick film process.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com