Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6654 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6654
Description  1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6654 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6654_13 Datasheet HTML 1Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 2Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 3Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 4Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 5Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 6Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 7Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 8Page - Maxim Integrated Products MAX6654_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1°C Accurate Remote/Local Temperature
Sensor with SMBus Serial Interface
Maxim Integrated
5
MAX6654
Pin Description
PIN
NAME
FUNCTION
1, 5, 9, 13, 16
N.C.
No Connection. Not internally connected. May be used for PCB trace routing.
2VCC
Supply Voltage Input. +3.0V to +5.5V. Bypass to GND with a 0.1µF capacitor. A 200
Ω series
resistor is recommended but not required for additional noise filtering.
3
DXP
Combined Current Source and ADC Positive Input for Remote-Junction Channel. If a remote-
sensing junction is not used, connect DXP to DXN.
4
DXN
Combined Current Sink and ADC Negative Input. DXN is internally biased to a diode voltage above
ground.
6
ADD1
SMBus Slave Address Select Input. ADD0 and ADD1 are sampled upon power-up.
7, 8
GND
Ground
10
ADD0
SMBus Slave Address Select Input. ADD0 and ADD1 are sampled upon power-up.
11
ALERT
SMBus Alert (Interrupt) Output. Open drain.
12
SMBDATA
SMBus Serial-Data Input/Output. Open drain.
14
SMBCLK
SMBus Serial-Clock Input
15
STBY
Hardware standby input. Temperature and comparison threshold data are retained in standby
mode. Low = standby mode, high = operating mode.


Similar Part No. - MAX6654_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6654EVKIT MAXIM-MAX6654EVKIT Datasheet
151Kb / 5P
   Measures and Displays Remote Sensor
Rev 0; 5/01
MAX6654EVSYS MAXIM-MAX6654EVSYS Datasheet
151Kb / 5P
   Measures and Displays Remote Sensor
Rev 0; 5/01
MAX6654MEE MAXIM-MAX6654MEE Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
More results

Similar Description - MAX6654_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com