Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1206JR-075R6L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC1206JR-075R6L
Description  This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC1206JR-075R6L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC1206JR-075R6L Datasheet HTML 1Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC1206JR-075R6L Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jul 02, 2009 V.4
Product specification
2
9
SERIES
RC
1206 (RoHS Compliant)
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
RC1206 X R - XX XXXX L
(1) (2) (3) (4)
(5)
(6)
(1) TOLERANCE
F = ±1%
J = ±5% (for Jumper ordering, use code of J)
(2) PACKAGING TYPE
R = Paper taping reel
(3) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(4) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
(5) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(6) DEFAULT CODE
Letter L is system default code for order only (Note)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RC1206 series chip resistors
with lead-free terminations made
by thick film process.
APPLICATIONS

All general purpose application
FEATURES

Halogen Free Epoxy

RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS

Reducing environmentally
hazardous wastes

High component and equipment
reliability

Saving of PCB space

None forbidden-materials used
in products/production
ORDERING EXAMPLE
The ordering code of a RC1206
chip resistor, value 56 X with
±1% tolerance, supplied in 7-inch
tape reel is: RC1206FR-0756RL.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or specific
symbol can be printed
Resistance rule of global part
number
Resistance code rule
Example
0R
0R = Jumper
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - RC1206JR-075R6L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RC1206JR-0751RL INFINEON-RC1206JR-0751RL Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Similar Description - RC1206JR-075R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1206JR-070RL ETC2-RC1206JR-070RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-072R2L ETC2-RC1206JR-072R2L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-0733KL ETC2-RC1206JR-0733KL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process
RC1206JR-0747RL ETC2-RC1206JR-0747RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process
RC1206FR-076R8L ETC2-RC1206FR-076R8L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process
RC1206JR-0710RL ETC2-RC1206JR-0710RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lesd-free terminations made by thick film process
RC1206FR-071M5L ETC2-RC1206FR-071M5L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lesd-free terminations made by thick film process
RC1206FR-0760R4L ETC2-RC1206FR-0760R4L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations bade by thick film process.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com