Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16930 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16930
Description  2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16930 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16930 Datasheet HTML 1Page - Maxim Integrated Products MAX16930 Datasheet HTML 2Page - Maxim Integrated Products MAX16930 Datasheet HTML 3Page - Maxim Integrated Products MAX16930 Datasheet HTML 4Page - Maxim Integrated Products MAX16930 Datasheet HTML 5Page - Maxim Integrated Products MAX16930 Datasheet HTML 6Page - Maxim Integrated Products MAX16930 Datasheet HTML 7Page - Maxim Integrated Products MAX16930 Datasheet HTML 8Page - Maxim Integrated Products MAX16930 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MAX16930/MAX16931
2MHz, 36V, Dual Buck with Preboost and
20µA Quiescent Current
2
Maxim Integrated
IN, INS, CS3P, CS3N, FB3, EN1, EN2,
EN3, TERM to PGND_ .......................................-0.3V to +42V
CS1, CS2, OUT1, OUT2 to AGND ........................-0.3V to +11V
CS1 to OUT1 ........................................................-0.2V to +0.2V
CS2 to OUT2 ........................................................-0.2V to +0.2V
CS3P to CS3N......................................................-0.2V to +0.2V
BIAS, FSYNC, FOSC to AGND.............................-0.3V to +6.0V
COMP1, COMP2, BSTON to AGND.....................-0.3V to +6.0V
FB1, FB2, FSELBST, EXTVCC to AGND ..............-0.3V to +6.0V
DL_ to PGND_ .....................................................-0.3V to +6.0V
BST_ to LX_ ........................................................-0.3V to + 6.0V
DH_ to LX_ ..........................................................-0.3V to + 6.0V
LX_ to PGND_ .......................................................-0.3V to +42V
PGND_ to AGND..................................................-0.3V to +0.3V
PGOOD1, PGOOD2 to AGND.......... ...................-0.3V to +6.0V
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 35.7mW/NC above +70NC)..................2857mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature Range..........................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow)...................................... +260NC
TQFN
Junction-to-Ambient Thermal Resistance (
qJA) ..........28°C/W
Junction-to-Case Thermal Resistance (
qJC) ..............1.7°C/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VIN = 14V, VBIAS = 5V, CBIAS = 6.8μF, TA = TJ = -40NC to +125NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SYNCHRONOUS STEP-DOWN DC-DC CONVERTERS
Supply Voltage Range
VIN
Normal operation
3.5
36
V
t < 1s
42
With preboost after initial startup condition
is satisfied
2.0
36
Supply Current
IIN
VEN1 = VEN2 = VEN3 = 0V
8
20
F
A
VEN1 = 5V, VOUT1 = 5V, VEN2 = VEN3 =
0V, VEXTVCC = 5V, no switching
30
40
VEN2 = 5V, VOUT2 = 3.3V, VEN1 = VEN3 =
0V, VEXTVCC = 3.3V, no switching
20
30
VEN1 = VEN2 = 5V, VOUT1 = 5V, VOUT2 =
3.3V, VEN3 = 0V, VEXTVCC = 3.3V,
no switching
25
40
Buck 1 Fixed Output Voltage
VOUT1
VFB1 = VBIAS, PWM mode
4.95
5
5.05
V
VFB1 = VBIAS, skip mode
4.95
5
5.075
Buck 2 Fixed Output Voltage
VOUT2
VFB2 = VBIAS, PWM mode
3.234
3.3
3.366
V
VFB2 = VBIAS, skip mode
3.234
3.3
3.4
Output Voltage Adjustable
Range
Buck 1, buck 2
1
10
V


Similar Part No. - MAX16930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1693-MAX1694 MAXIM-MAX1693-MAX1694 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
   2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX16932 MAXIM-MAX16932 Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
MAX16932EVKIT MAXIM-MAX16932EVKIT Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
More results

Similar Description - MAX16930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
   2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
   2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
logo
Analog Devices
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
   36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
logo
Dialog Semiconductor
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
   Ultra-Low Quiescent Current Buck and LDO
logo
Renesas Technology Corp
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
   Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
logo
Linear Technology
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971A LINER-LT3971A_15 Datasheet
357Kb / 24P
   38V, 1.3A, 2MHz Step-Down Regulator with 2.2A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com