Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0603H4 Datasheet(PDF) 2 Page - Protek Devices

Part # PF0603H4
Description  HIGH INRUSH fus es
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0603H4 Datasheet(HTML) 2 Page - Protek Devices

  PF0603H4 Datasheet HTML 1Page - Protek Devices PF0603H4 Datasheet HTML 2Page - Protek Devices PF0603H4 Datasheet HTML 3Page - Protek Devices PF0603H4 Datasheet HTML 4Page - Protek Devices PF0603H4 Datasheet HTML 5Page - Protek Devices PF0603H4 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05421.R0 6/13
Page 2
PF0603H Series
tyPIcal DevIce cHaRacteRIStIcS
electRIcal SPecIFIcatIoNS
PaRt
NUMBeR
MaRkING
coDe
cURReNt
RatING
aMPS
voltaGe
RatING
Dc
INteRRUPtING
RatING
(Note 1)
Dc
aMPS
tyPIcal
ReSIStaNce
(Note 2)
oHMS
tyPIcal
Melt I2t
(Note 3)
Dc (a2s)
PF0603H1
H
1.00
32
35
0.24
0.09
PF0603H1.5
K
1.50
32
35
0.12
0.18
PF0603H2
N
2.00
32
35
0.068
0.29
PF0603H2.5
O
2.50
32
35
0.048
0.59
PF0603H3
P
3.00
32
35
0.034
0.83
PF0603H3.5
R
3.50
32
35
0.023
1.23
PF0603H4
S
4.00
32
35
0.02
2.22
PF0603H4.5
X
4.50
32
35
0.016
2.70
PF0603H5
T
5.00
32
35
0.013
3.20
NoteS
1. DC Interrupting Rating - measured at rated voltage, time constant of less than 50 microseconds, battery source.
2. DC Cold Resistance - measured at 10% of rated current.
3. Typical Melting I2t - measured with a battery bank at rated DC voltage and at 0.001 second clear time, time constant of calirated circuit less than 50 microseconds. Device designed to
carry rated current for four hours minimum. An operating current of 75% or less of rated current is recommended, with further derating required at elevated ambient temperatures.


Similar Part No. - PF0603H4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
More results

Similar Description - PF0603H4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF1206H PROTEC-PF1206H Datasheet
480Kb / 6P
   HIGH INRUSH fus es
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Protek Devices
PF1206H PROTEC-PF1206H_15 Datasheet
482Kb / 6P
   HIGH INRUSH FUSES
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
logo
Copal Electronics
ELE120AY-3-Z COPAL-ELE120AY-3-Z Datasheet
224Kb / 2P
   High Inrush Lever Switches
logo
Schurter Inc.
FIZ SCHURTER-FIZ_V02 Datasheet
201Kb / 2P
   Insulation Cover for FIZ, FUL,FUS
04.01.2022
logo
Copal Electronics
SL220SD-15-Z COPAL-SL220SD-15-Z Datasheet
175Kb / 1P
   High Inrush Lever Switches
logo
Bourns Electronic Solut...
SF-2410HI-T BOURNS-SF-2410HI-T Datasheet
533Kb / 7P
   High Inrush SMD Fuses
SF-1206HIXXXM BOURNS-SF-1206HIXXXM_19 Datasheet
383Kb / 6P
   High Inrush Multilayer Surface Mount Fuses
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com