Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0603F2.5 Datasheet(PDF) 2 Page - Protek Devices

Part # PF0603F2.5
Description  Fast acting chip fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0603F2.5 Datasheet(HTML) 2 Page - Protek Devices

  PF0603F2.5 Datasheet HTML 1Page - Protek Devices PF0603F2.5 Datasheet HTML 2Page - Protek Devices PF0603F2.5 Datasheet HTML 3Page - Protek Devices PF0603F2.5 Datasheet HTML 4Page - Protek Devices PF0603F2.5 Datasheet HTML 5Page - Protek Devices PF0603F2.5 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05420.R0 6/13
Page 2
PF0603F Series
tyPical Device chaRacteRiSticS
electRical SPeciFicationS
PaRt
nuMBeR
MaRking
coDe
cuRRent
Rating
aMPS
voltage
Rating
inteRRuPting
Rating
(note 1)
ac/Dc
aMPS
tyPical
ReSiStance
(note 2)
ohMS
tyPical
Melt i2t
(note 3)
Dc (a2s)
tyPical
voltage DRoP
(note 4)
voltS
ac
voltS
Dc
voltS
PF0603F250
D
0.250
32
32
50
5.1
0.0004
1.30
PF0603F375
E
0.375
32
32
50
2.4
0.0009
0.93
PF0603F500
F
0.500
32
32
50
1.1
0.0018
0.66
PF0603F750
G
0.750
32
32
50
0.7
0.0070
0.58
PF0603F1
H
1.00
32
32
50
0.23
0.015
0.25
PF0603F1.25
J
1.25
32
32
35
0.165
0.022
0.19
PF0603F1.5
K
1.50
32
32
35
0.125
0.032
0.18
PF0603F1.75
M
1.75
32
32
35
0.08
0.048
0.17
PF0603F2
N
2.00
32
32
35
0.063
0.052
0.17
PF0603F2.5
O
2.50
32
32
35
0.04
0.061
0.13
PF0603F3
P
3.00
32
32
35
0.028
0.070
0.12
PF0603F3.5
R
3.50
32
32
35
0.022
0.122
0.11
PF0603F4
S
4.00
32
32
35
0.018
0.220
0.11
PF0603F5
T
5.00
32
32
35
0.011
0.680
0.11
PF0603F6
Y
6.00
32
32
35
0.008
0.920
0.10
noteS
1. AC Interrupting Rating - measured at rated voltage with a unity power factor; DC Interrupting Rating - measured at rated voltage, time constant of less than 50 microseconds, battery
source.
2. DC Cold Resistance - measured at 10% of rated current.
3. Typical Melting I2t - measured with a battery bank at rated DC voltage, 10x-rated current, not to exceed IR, time constant of calirated circuit less than 50 microseconds. 4A, 5A and 6A
measured at interrupting rating.
4. Typical Voltage drop - measured at rated current after temperature stabilizes. Device designed to carry rated current for four hours minimum. An operating current of 75% or less of
rated current is recommended, with further derating required at elevated ambient temperatures.


Similar Part No. - PF0603F2.5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603F PROTEC-PF0603F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
More results

Similar Description - PF0603F2.5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
   Fast-Acting Chip Fuses
logo
Protek Devices
PF0402F200 PROTEC-PF0402F200 Datasheet
476Kb / 6P
   Fast acting chip fuses
PF0603F PROTEC-PF0603F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
PF1206F PROTEC-PF1206F_15 Datasheet
475Kb / 6P
   FAST ACTING CHIP FUSES
PF1206F PROTEC-PF1206F Datasheet
472Kb / 6P
   Fast acting chip fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
TR0603FA2-R COOPER-TR0603FA2-R Datasheet
560Kb / 2P
   Chip??Fuses 0603FA Series, Fast-Acting
TR3216FF25-R COOPER-TR3216FF25-R Datasheet
335Kb / 2P
   Chip Fuses 3216FF Series, Fast-Acting
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com