Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6260CCRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6260CCRZ
Description  Multiphase PWM Regulator for IMVP-6 Mobile CPUs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6260CCRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6260CCRZ Datasheet HTML 1Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 2Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 3Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 4Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 5Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 6Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 7Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 8Page - Intersil Corporation ISL6260CCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
FN9259.3
June 21, 2010
Pinout
ISL6260C
(40 LD QFN)
TOP VIEW
Functional Pin Description
PSI#
Low load current indicator input. When asserted low,
indicates a reduced load-current condition. For ISL6260C,
when PSI# is asserted low, PWM2 will be disabled.
PMON
An analog output. PMON sends out an analog signal
proportional to the product of VCCSENSE voltage and the
droop voltage.
RBIAS
147k Resistor to VSS sets internal current reference.
VR_TT#
Thermal overload output indicator.
NTC
Thermistor input to VR_TT# circuit.
SOFT
A capacitor from this pin to Vss sets the maximum slew rate
of the output voltage. It affects both soft start and VID
transitioning slew rate. Soft pin is the non-inverting input of
the error amplifier.
OCSET
Overcurrent set input. A resistor from this pin to VO sets
DROOP voltage limit for OC trip. A 10µA current source is
connected internally to this pin.
VW
A resistor from this pin to COMP programs the switching
frequency. (7k
Ω gives approximately 300kHz). VW pin
sources current.
COMP
This pin is the output of the error amplifier.
FB
This pin is the inverting input of error amplifier.
VDIFF
This pin is the output of the differential amplifier.
VSEN
Remote core voltage sense input. Connect to
microprocessor die.
RTN
Remote voltage sensing return. Connect to ground at
microprocessor die.
DROOP
Output of droop amplifier. Output = VO + DROOP.
DFB
Inverting input to droop amplifier.
VO
An input to the IC that reports the local output voltage.
VSUM
This pin is connected to the current summation junction.
VIN
Battery supply voltage, used for feed forward.
VSS
Signal ground; Connect to local controller ground.
VDD
5V bias power.
ISEN3
Individual current sensing for channel 3.
ISEN2
Individual current sensing for channel 2.
ISEN1
Individual current sensing for channel 1.
FCCM
Forced Continuous Conduction Mode (FCCM) enable pin to
MOSFET drivers. It will disable diode emulation.
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
GND PAD
(BOTTOM)
VID2
VR_TT#
NTC
VID1
VID0
PWM1
PWM3
FCCM
ISEN1
ISEN2
OCSET
FB
COMP
VW
SOFT
PMON
RBIAS
PSI#
PWM2
ISEN3
ISL6260C


Similar Part No. - ISL6260CCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6260CCRZ RENESAS-ISL6260CCRZ Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL6260CCRZ-T RENESAS-ISL6260CCRZ-T Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
More results

Similar Description - ISL6260CCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6260C RENESAS-ISL6260C Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com