Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6314CRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6314CRZ
Description  Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6314CRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6314CRZ Datasheet HTML 3Page - Intersil Corporation ISL6314CRZ Datasheet HTML 4Page - Intersil Corporation ISL6314CRZ Datasheet HTML 5Page - Intersil Corporation ISL6314CRZ Datasheet HTML 6Page - Intersil Corporation ISL6314CRZ Datasheet HTML 7Page - Intersil Corporation ISL6314CRZ Datasheet HTML 8Page - Intersil Corporation ISL6314CRZ Datasheet HTML 9Page - Intersil Corporation ISL6314CRZ Datasheet HTML 10Page - Intersil Corporation ISL6314CRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
FN6455.2
October 8, 2009
VIDx Input High Voltage (INTEL)
Pins VID0 to VID7
0.8
-
-
V
VIDx Input Low Voltage (AMD)
Pins VID0 to VID7
-
-
0.8
V
VIDx Input High Voltage (AMD)
Pins VID0 to VID7
1.4
-
-
V
VIDx Pull-Up Current (INTEL)
Pins VID0 to VID7; VIDx = 0V
-
-40
-
µA
VIDx Pull-Down Current (AMD)
Pins VID0 to VID7; VIDx = 0.5V
-
20
-
µA
PIN-ADJUSTABLE OFFSET
OFS Sink Current Accuracy (Negative Offset) ROFS = 32.4kΩ from OFS to
VCC
47.0
49.4
53.0
µA
OFS Source Current Accuracy
(Positive Offset)
ROFS = 6.04kΩ from OFS to
GND
47.0
49.7
53.0
µA
ERROR AMPLIFIER
DC Gain
RL = 10k to ground, (Note 3)
-
96
-
dB
Gain-Bandwidth Product
CL = 100pF, RL = 10k to
ground, (Note 3)
-40
-
MHz
Slew Rate
CL = 100pF, load = ±400µA,
(Note 3)
-20
-
V/µs
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
1.20
1.4
V
SOFT-START RAMP
Soft-Start Ramp Rate
VR11, RSS = 100kΩ
-
1.25
-
mV/µs
AMD, RSS = 100kΩ
-
1.25
-
mV/µs
Adjustment Range of Soft-Start Ramp Rate
(Note 3)
0.156
-
6.25
mV/µs
OVERCURRENT PROTECTION
OCSET Trip Current (ISL6314CRZ)
94
100
106
µA
OCSET Trip Current (ISL6314IRZ)
93
100
107
µA
OCSET Accuracy
OCSET and ISUM Difference
-5
0
5
mV
ISENO Offset
-1.7
0
1.7
mV
PROTECTION
Undervoltage Threshold
VSEN falling
VDAC - 325
VDAC - 350mV
VDAC - 375
V
Undervoltage Hysteresis
VSEN rising
-
100
-
mV
Overvoltage Threshold During Soft-Start
VR11 and AMD
1.24
1.27
1.30
V
Overvoltage Threshold (Default)
VR11, VSEN rising
VDAC + 150mV
VDAC + 175mV
VDAC + 200mV
V
AMD, VSEN rising
VDAC + 200mV
VDAC + 225mV
VDAC + 250mV
V
Overvoltage Hysteresis
VSEN falling
-
100
-
mV
PGOOD Output Sink Current
PGOOD = 0.4V
-
7.5
-
mA
OVER-TEMPERATURE SHUTDOWN (Note 3)
Thermal Shutdown Setpoint
-
160
-
°C
Thermal Recovery Setpoint
-
100
-
°C
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6314
ISL6314


Similar Part No. - ISL6314CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6314CRZ RENESAS-ISL6314CRZ Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6314CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com