Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6314CRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6314CRZ
Description  Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6314CRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6314CRZ Datasheet HTML 7Page - Intersil Corporation ISL6314CRZ Datasheet HTML 8Page - Intersil Corporation ISL6314CRZ Datasheet HTML 9Page - Intersil Corporation ISL6314CRZ Datasheet HTML 10Page - Intersil Corporation ISL6314CRZ Datasheet HTML 11Page - Intersil Corporation ISL6314CRZ Datasheet HTML 12Page - Intersil Corporation ISL6314CRZ Datasheet HTML 13Page - Intersil Corporation ISL6314CRZ Datasheet HTML 14Page - Intersil Corporation ISL6314CRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
FN6455.2
October 8, 2009
As Figure 2 shows, the APA circuitry works by monitoring the
voltage on the APA pin and comparing it to a filtered copy of
the voltage on the COMP pin. The voltage on the APA pin is
a copy of the COMP pin voltage that has been negatively
offset. If the APA pin exceeds the filtered COMP pin voltage
an APA event occurs and the channel is forced on.
The APA trip level is the amount of DC offset between the
COMP pin and the APA pin. This is the voltage excursion
that the APA and COMP pin must have during a transient
event to activate the Adaptive Phase Alignment circuitry.
This APA trip level is set through a resistor, RAPA, that
connects from the APA pin to the COMP pin. A 100µA
current flows across RAPA into the APA pin to set the APA
trip level as described in Equation 3. An APA trip level of
500mV is recommended for most applications. A 1000pF
capacitor, CAPA, should also be placed across the RAPA
resistor to help with noise immunity.
Active Pulse Positioning (APP) Modulated PWM
Operation
The ISL6314 uses a proprietary Active Pulse Positioning
(APP) modulation scheme to control the internal PWM
signals that command each channel’s driver to turn their
upper and lower MOSFETs on and off. The time interval in
which a PWM signal can occur is generated by an internal
clock, whose cycle time is the inverse of the switching
frequency set by the resistor connected to the FS pin. The
advantage of Intersil’s proprietary Active Pulse Positioning
(APP) modulator is that the PWM signal has the ability to
turn on at any point during this PWM time interval, and turn
off immediately after the PWM signal has transitioned high.
This is important because is allows the controller to quickly
respond to output voltage drops associated with current load
spikes, while avoiding the ring back affects associated with
other modulation schemes.
The PWM output state is driven by the position of the error
amplifier output signal, VCOMP, as illustrated in Figure 3. At
the beginning of each PWM time interval, this VCOMP signal
is compared to the internal modulator waveform. As long as
the VCOMP voltage is lower then the modulator waveform
voltage, the PWM signal is commanded low. The internal
MOSFET driver detects the low state of the PWM signal and
turns off the upper MOSFET and turns on the lower
synchronous MOSFET. When the VCOMP voltage crosses
the modulator ramp, the PWM output transitions high,
turning off the synchronous MOSFET and turning on the
upper MOSFET. The PWM signal will remain high until the
VCOMP voltage crosses the modulator ramp again. When
this occurs, the PWM signal will transition low again.
During each PWM time interval, the PWM signal can only
transition high once. Once PWM transitions high, it can not
transition high again until the beginning of the next PWM
time interval. This prevents the occurrence of double PWM
pulses occurring during a single period.
Output Voltage Setting
The ISL6314 uses a digital to analog converter (DAC) to
generate a reference voltage based on the logic signals at
the VID pins. The DAC decodes the logic signals into one of
the discrete voltages shown in Tables 2, 3 or 4. In the Intel
VR11 mode of operation, each VID pin is pulled up to an
internal 1.2V voltage by a weak current source (40µA),
which decreases to 0A as the voltage at the VID pin varies
from 0 to the internal 1.2V pull-up voltage. In AMD modes of
operation, the VID pins are pulled low by a weak 20µA
current source. External pull-up resistors or active-high
output stages can augment the pull-up current sources, up to
a voltage of 5V.
.
The ISL6314 accommodates three different DAC ranges:
Intel VR11, AMD K8/K9 5-bit, and AMD 6-bit. The state of
the SS and VID7 pins decide which DAC version is active.
Refer to Table 1 for a description of how to select the desired
DAC version.
FIGURE 2. ADAPTIVE PHASE ALIGNMENT DETECTION
EXTERNAL CIRCUIT
ISL6314 INTERNAL CIRCUIT
COMP
VAPA,TRIP
ERROR
APA
AMPLIFIER
CAPA
RAPA
LOW
FILTER
-
+
APA
PASS
100µA
TO APA
CIRCUITRY
V
APA TRIP
,
R
APA 100
10
6
×
=
(EQ. 3)
FIGURE 3. CHANNEL PWM FUNCTION
-
+
PWM
VCOMP
TO GATE
CONTROL
LOGIC
MODULATOR
RAMP
WAVEFORM
ISL6314
ISL6314


Similar Part No. - ISL6314CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6314CRZ RENESAS-ISL6314CRZ Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6314CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com