Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTA02N450HV Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA02N450HV
Description  High Voltage Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA02N450HV Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA02N450HV Datasheet HTML 1Page - IXYS Corporation IXTA02N450HV Datasheet HTML 2Page - IXYS Corporation IXTA02N450HV Datasheet HTML 3Page - IXYS Corporation IXTA02N450HV Datasheet HTML 4Page - IXYS Corporation IXTA02N450HV Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA02N450HV
IXTT02N450HV
Fig. 7. Input Admittance
0
50
100
150
200
250
4.5
5.0
5.5
6.0
6.5
7.0
7.5
VGS - Volts
TJ = 125ºC
- 40ºC
25ºC
Fig. 8. Transconductance
0
100
200
300
400
500
0
50
100
150
200
250
ID - MilliAmperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
100
200
300
400
500
600
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
01
23
45
6789
10
11
QG - NanoCoulombs
VDS = 1000V
I D = 100mA
I G = 1mA
Fig. 11. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds


Similar Part No. - IXTA02N450HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA02N250 IXYS-IXTA02N250 Datasheet
244Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTA02N250HV IXYS-IXTA02N250HV Datasheet
191Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
More results

Similar Description - IXTA02N450HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N120 IXYS-IXTA3N120 Datasheet
102Kb / 4P
   High Voltage Power MOSFETs
IXTH3N120 IXYS-IXTH3N120 Datasheet
145Kb / 4P
   High Voltage Power MOSFETs
IXTH6N150 IXYS-IXTH6N150 Datasheet
135Kb / 5P
   High Voltage Power MOSFETs
IXTH02N250 IXYS-IXTH02N250 Datasheet
244Kb / 5P
   High Voltage Power MOSFETs
IXTV03N400S IXYS-IXTV03N400S Datasheet
193Kb / 4P
   High Voltage Power MOSFETs
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
   High Voltage Power MOSFETs
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com