Electronic Components Datasheet Search |
|
LQW15AN8N1G80 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQW15AN8N1G80 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 7 page 1 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 1 RF Inductors (Coils) 2013.7.8 oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design. LQW15AN_80 Series 1005/0402 (mm/inch) General Wound (No Shield) 0.6 Thickness mm max. LowRdc E - 12 Step E - 24 Step Hi Q Tight Tolerance Reflow OK RoHS c Dimensions 1.0±0.1 0.2±0.1 0.2±0.1 (in mm) 0.6±0.1 c Packaging Code Packaging Minimum Quantity D ø180mm Paper taping 10000 B Packing in bulk 500 c Rated Value (p: packaging code) Part Number Inductance Inductance test frequency Rated current Max. of DC resistance Q (min.) Q test frequency Self resonance frequency (min.) LQW15AN1N3C80 p 1.3nH ±0.2nH 100MHz 3150mA 0.012 Ω 20 250MHz 18GHz LQW15AN1N3D80 p 1.3nH ±0.5nH 100MHz 3150mA 0.012 Ω 20 250MHz 18GHz LQW15AN1N5C80 p 1.5nH ±0.2nH 100MHz 2100mA 0.028 Ω 20 250MHz 18GHz LQW15AN1N5D80 p 1.5nH ±0.5nH 100MHz 2100mA 0.028 Ω 20 250MHz 18GHz LQW15AN1N6C80 p 1.6nH ±0.2nH 100MHz 1450mA 0.045 Ω 20 250MHz 18GHz LQW15AN1N6D80 p 1.6nH ±0.5nH 100MHz 1450mA 0.045 Ω 20 250MHz 18GHz LQW15AN1N7C80 p 1.7nH ±0.2nH 100MHz 1150mA 0.065 Ω 20 250MHz 18GHz LQW15AN1N7D80 p 1.7nH ±0.5nH 100MHz 1150mA 0.065 Ω 20 250MHz 18GHz LQW15AN2N2B80 p 2.2nH ±0.1nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N2C80 p 2.2nH ±0.2nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N2D80 p 2.2nH ±0.5nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N3B80 p 2.3nH ±0.1nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N3C80 p 2.3nH ±0.2nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N3D80 p 2.3nH ±0.5nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N4B80 p 2.4nH ±0.1nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N4C80 p 2.4nH ±0.2nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N4D80 p 2.4nH ±0.5nH 100MHz 2530mA 0.022 Ω 30 250MHz 15.5GHz LQW15AN2N5B80 p 2.5nH ±0.1nH 100MHz 2100mA 0.03 Ω 30 250MHz 15.5GHz LQW15AN2N5C80 p 2.5nH ±0.2nH 100MHz 2100mA 0.03 Ω 30 250MHz 15.5GHz LQW15AN2N5D80 p 2.5nH ±0.5nH 100MHz 2100mA 0.03 Ω 30 250MHz 15.5GHz LQW15AN2N6B80 p 2.6nH ±0.1nH 100MHz 1950mA 0.035 Ω 30 250MHz 14.5GHz LQW15AN2N6C80 p 2.6nH ±0.2nH 100MHz 1950mA 0.035 Ω 30 250MHz 14.5GHz LQW15AN2N6D80 p 2.6nH ±0.5nH 100MHz 1950mA 0.035 Ω 30 250MHz 14.5GHz LQW15AN2N7B80 p 2.7nH ±0.1nH 100MHz 1500mA 0.047 Ω 28 250MHz 14GHz LQW15AN2N7C80 p 2.7nH ±0.2nH 100MHz 1500mA 0.047 Ω 28 250MHz 14GHz LQW15AN2N7D80 p 2.7nH ±0.5nH 100MHz 1500mA 0.047 Ω 28 250MHz 14GHz Operating temperature range (Self-temperature rise is not included): -55 ∼125℃ Only for reflow soldering. Continued on the following page. |
Similar Part No. - LQW15AN8N1G80 |
|
Similar Description - LQW15AN8N1G80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |