Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25ZLH150MEFCT16.3X11 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 25ZLH150MEFCT16.3X11
Description  105??Miniaturized, Long Life, Low impedance.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25ZLH150MEFCT16.3X11 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  25ZLH150MEFCT16.3X11 Datasheet HTML 1Page - RUBYCON CORPORATION 25ZLH150MEFCT16.3X11 Datasheet HTML 2Page - RUBYCON CORPORATION 25ZLH150MEFCT16.3X11 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
Rated
Voltage
(V・DC)
capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
63
(1J)
80
(1K)
18
47
82
100
120
150
180
270
270
330
390
470
560
560
680
820
820
820
1200
1200
1500
1500
1800
1800
2200
12
33
56
68
82
100
120
180
180
220
270
330
390
390
470
560
560
560
680
820
820
1000
1000
1200
1500
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
16×35.5
18×25
16×40
18×31.5
18×35.5
18×40
173
278
525
688
725
861
998
1200
1200
1410
1570
1990
2410
2100
2620
2940
2730
2500
2990
2800
3040
3300
3570
3570
3670
163
267
462
585
624
735
780
1040
975
1170
1430
1620
1950
1750
2140
2340
2210
1950
2400
2600
2270
2860
2470
2860
3510
0.88
0.35
0.22
0.16
0.15
0.12
0.11
0.078
0.082
0.069
0.060
0.043
0.035
0.043
0.033
0.027
0.032
0.038
0.024
0.031
0.021
0.025
0.019
0.020
0.018
1.4
0.57
0.36
0.25
0.23
0.19
0.17
0.12
0.13
0.11
0.085
0.060
0.051
0.058
0.043
0.036
0.044
0.054
0.033
0.029
0.038
0.027
0.031
0.027
0.026
3.5
1.4
0.88
0.64
0.60
0.48
0.44
0.31
0.27
0.28
0.19
0.14
0.13
0.14
0.11
0.090
0.096
0.10
0.068
0.084
0.057
0.068
0.057
0.054
0.049
5.6
2.3
1.4
1.0
0.96
0.76
0.72
0.52
0.43
0.47
0.31
0.23
0.21
0.21
0.17
0.15
0.16
0.18
0.12
0.10
0.13
0.090
0.11
0.084
0.076
Rated
Voltage
(V・DC)
capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
8.2
18
33
47
56
68
82
100
100
120
150
220
270
270
330
390
390
390
470
470
560
560
680
680
820
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
163
267
462
585
624
735
780
1040
975
1170
1430
1620
1950
1750
2140
2340
2210
1950
2400
2270
2600
2470
2860
2860
3510
1.4
0.57
0.36
0.25
0.23
0.19
0.17
0.12
0.13
0.11
0.085
0.060
0.051
0.058
0.043
0.036
0.044
0.054
0.033
0.038
0.029
0.031
0.027
0.027
0.026
5.6
2.3
1.4
1.0
0.96
0.76
0.72
0.52
0.43
0.47
0.31
0.23
0.21
0.21
0.17
0.15
0.16
0.18
0.12
0.13
0.10
0.11
0.090
0.084
0.076
100
(2A)


Similar Part No. - 25ZLH150MEFCT16.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25ZLH150MEFCTA6.3X11 RUBYCON-25ZLH150MEFCTA6.3X11 Datasheet
270Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25ZLH150MEFCT16.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35ZLH330MEFC10X12.5 RUBYCON-35ZLH330MEFC10X12.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
35ZLH470MEFC10X16 RUBYCON-35ZLH470MEFC10X16 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
25ZLH330MEFC8X11.5 RUBYCON-25ZLH330MEFC8X11.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
100ZLH100MEFC10X20 RUBYCON-100ZLH100MEFC10X20 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
25ZLH470MEFC10X12.5 RUBYCON-25ZLH470MEFC10X12.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
25ZLH150MEFC6.3X11 RUBYCON-25ZLH150MEFC6.3X11 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
35ZLH100MEFC6.3X11 RUBYCON-35ZLH100MEFC6.3X11 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
35ZLH220MEFC8X11.5 RUBYCON-35ZLH220MEFC8X11.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
16ZLH1000MT810X16 RUBYCON-16ZLH1000MT810X16 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
80ZLJ470M16X25 RUBYCON-80ZLJ470M16X25 Datasheet
251Kb / 3P
   105??Miniaturized, Long Life, Low impedance, High ripple.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com