Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3474W20-41P Datasheet(PDF) 5 Page - Amphenol Corporation

Part # MS3474W20-41P
Description  AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3474W20-41P Datasheet(HTML) 5 Page - Amphenol Corporation

  MS3474W20-41P Datasheet HTML 1Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 2Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 3Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 4Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 5Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 6Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 7Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 8Page - Amphenol Corporation MS3474W20-41P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CLASS DESCRIPTIONS
PERFORMANCE SPECIFICATIONS
AMPHENOL
3
** Service rating is comparable to MS rating A. Miniature connectors rated Service Rating I will provide a
minimum flashover voltage at sea level of 2000 volts AC (RMS). Service rating II is comparable to MS Service
Rating D, and will provide a minimum flashover voltage of 2,800 volts AC (RMS) at sea level.
Please note that the electrical data given is not an establishment of electrical safety factors.
This is left entirely in the designer’s hands, as he can best determine which peak voltage, switching surges,
transients, etc. can be expected in a particular circuit.
OPERATING TEMPERATURE RANGE
ENVIRONMENTAL SEAL
Wired, mated connectors with the specified accessory
attached will meet the altitude immersion test specified in
MIL-C-26482.
DURABILITY
Minimum of 500 mating cycles.
SHOCK AND VIBRATION REQUIREMENTS
When tested as follows, the connector shall sustain no
physical damage, or electrical discontinuity exceeding
one microsecond.
SHOCK
VIBRATION
0
0
0
0
-65 C (-85 F) to 200 C (392 F)
Pulse of an approximate half sine wave of 300g magnitude
with duration of 3 milliseconds applied in 3 axes
Sixteen hours of random vibration having a range of 50 to
2,000 Hz with a 41.7G peak level
Amphenol Miniature Cylindrical
class descriptions, performance specifications
MIL-C- 26482, Series 2 Connectors
* Ref. MIL-C-26482
Military
MIL-C-26482, Series 2
Description
Class L
Class E
Class R
Class A
-
Class W
Aluminum shell, electroless nickel finish, fluid resistant
Inactive, superceded by Class L*
Inactive, superceded by Class L*
Aluminum shell, black non-conductive anodized finish, fluid resistant
Proprietary class G - Stainless steel shell, passivated, fluid resistant
Aluminum shell, olive drab cadmium plated, corrosion/fluid resistant
SERVICE RATINGS**
Service
Rating
Recommended
Operating AC Voltage
at Sea Level
Test Voltage AC (RMS), 60 cps
Sea Level
50,000 ft.
70,000 ft.
110,000 ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
Series II


Similar Part No. - MS3474W20-41P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS3474W20-10AW-340 ETC-MS3474W20-10AW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474W20-10AX-340 ETC-MS3474W20-10AX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474W20-10BW-340 ETC-MS3474W20-10BW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474W20-10BX-340 ETC-MS3474W20-10BX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3474W20-10PW-340 ETC-MS3474W20-10PW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
More results

Similar Description - MS3474W20-41P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
JANMS318010CWL AMPHENOL-JANMS318010CWL Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
MS3475W12-8P AMPHENOL-MS3475W12-8P Datasheet
336Kb / 13P
   Amphenol MIL-DTL-26482, Series 2, Matrix
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
ZZL-4016-10P AMPHENOL-ZZL-4016-10P Datasheet
3Mb / 39P
   Amphenol pyle MIL-C-26500 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com