Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6393FP-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD6393FP-E2
Description  Standard 36V Stepping Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6393FP-E2 Datasheet(HTML) 4 Page - Rohm

  BD6393FP-E2 Datasheet HTML 1Page - Rohm BD6393FP-E2 Datasheet HTML 2Page - Rohm BD6393FP-E2 Datasheet HTML 3Page - Rohm BD6393FP-E2 Datasheet HTML 4Page - Rohm BD6393FP-E2 Datasheet HTML 5Page - Rohm BD6393FP-E2 Datasheet HTML 6Page - Rohm BD6393FP-E2 Datasheet HTML 7Page - Rohm BD6393FP-E2 Datasheet HTML 8Page - Rohm BD6393FP-E2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technical Note
4/8
BD6393FP, BD6395FP
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
●Points to notice for terminal description
○PS/Power save terminal
PS can make circuit standby state and make motor output OPEN. Please be careful because there is a delay of
40
μs(max.) before it is returned from standby state to normal state and the motor output becomes ACTIVE.
PS
State
L
Standby state (RESET)
H
ACTIVE
○PHASE1,PHASE2/Logic input terminal
These terminals decide output state.
PHASEX
OUTXA
OUTXB
L
L
H
H
H
L
○I01,I02,I11,I12/Logic input terminal for DAC
These terminals decide internal DAC output voltage for current limit.
I0X
I1X
Output current
level(%)
L
L
100
H
L
67
L
H
33
H
H
0
(I0X,I1X)=(H,H) : motor output are open.
●Protection Circuits
○Thermal Shutdown (TSD)
This IC has a built-in thermal shutdown circuit for thermal protection. When the IC’s chip temperature rises above
175℃ (Typ.), the motor output becomes OPEN. Also, when the temperature returns to under 150℃ (Typ.), it
automatically returns to normal operation. However, even when TSD is in operation, if heat is continued to be added
externally, heat overdrive can lead to destruction.
○Over Current Protection (OCP)
This IC has a built in over current protection circuit as a provision against destruction when the motor outputs are
shorted each other or Vcc-motor output or motor output-GND is shorted. This circuit latches the motor output to OPEN
condition when the regulated threshold current flows for 4
μs (Typ.). It returns with power reactivation or a reset of the
PS terminal. The over current protection circuit’s only aim is to prevent the destruction of the IC from irregular situations
such as motor output shorts, and is not meant to be used as protection or security for the set. Therefore, sets should
not be designed to take into account this circuit’s functions. After OCP operating, if irregular situations continues and
the return by power reactivation or a reset of the PS terminal is carried out repeatly, then OCP operates repeatly and
the IC may generate heat or otherwise deteriorate. When the L value of the wiring is great due to the wiring being long,
after the over current has flowed and the output terminal voltage jumps up and the absolute maximum values may be
exceeded and as a result, there is a possibility of destruction. Also, when current which is over the output current rating
and under the OCP detection current flows, the IC can heat up to over Tjmax =150℃ and can deteriorate, so current
which exceeds the output rating should not be applied.
○Under Voltage Lock Out (UVLO)
This IC has a built-in under voltage lock out function to prevent false operation such as IC output during power supply
under voltage. When the applied voltage to the Vcc terminal goes under 11V (Typ.), the motor output is set to OPEN.
This switching voltage has a 1V (Typ.) hysteresis to prevent false operation by noise etc. Please be aware that this
circuit does not operate during power save mode.
○Over Voltage Lock Out (OVLO)
This IC has a built-in over voltage lock out function to protect the IC output and the motor during power supply over
voltage.
When the applied voltage to the VCC terminal goes over 33V (Typ.), the motor output is set to OPEN. This
switching voltage has a 1V (Typ.) hysteresis and a 4
μs (Typ.) mask time to prevent false operation by noise etc.
Although this over voltage locked out circuit is built-in, there is a possibility of destruction if the absolute maximum
value for power supply voltage is exceeded, therefore the absolute maximum value should not be exceeded. Please be
aware that this circuit does not operate during power save mode.
○False operation prevention function in no power supply (Ghost Supply Prevention)
If a logic control signal is input when there is no power supplied to this IC, there is a function which prevents the false
operation by voltage supplied via the electrostatic destruction prevention diode from the logic control input terminal to
the Vcc, to this IC or to another IC’s power supply. Therefore, there is no malfunction of the circuit even when voltage is
supplied to the logic control input terminal while there is no power supply.


Similar Part No. - BD6393FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6393FP ROHM-BD6393FP Datasheet
243Kb / 4P
   Stepping motor driver
BD6393FP ROHM-BD6393FP Datasheet
165Kb / 5P
   Silicon monolithic integrated circuits
BD6393FP ROHM-BD6393FP Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_11 Datasheet
165Kb / 5P
   Silicon monolithic integrated circuits
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
More results

Similar Description - BD6393FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD6290EFV ROHM-BD6290EFV_12 Datasheet
261Kb / 9P
   Standard 36V Stepping Motor Driver
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD6290EFV-E ROHM-BD6290EFV-E Datasheet
236Kb / 9P
   Standard 36V Stepping Motor Driver
BD63524AEFV ROHM-BD63524AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com