Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS352AR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS352AR
Description  MEMS motion sensor: 3-axis 2 g analog-output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS352AR Datasheet HTML 6Page - STMicroelectronics LIS352AR Datasheet HTML 7Page - STMicroelectronics LIS352AR Datasheet HTML 8Page - STMicroelectronics LIS352AR Datasheet HTML 9Page - STMicroelectronics LIS352AR Datasheet HTML 10Page - STMicroelectronics LIS352AR Datasheet HTML 11Page - STMicroelectronics LIS352AR Datasheet HTML 12Page - STMicroelectronics LIS352AR Datasheet HTML 13Page - STMicroelectronics LIS352AR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application hints
LIS352AR
10/15
Doc ID 16933 Rev 1
6
Application hints
Figure 3.
LIS352AR electrical connection
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF aluminum) should
be placed as near as possible to the device (common design practice).
The LIS352AR allows band limiting of Voutx, Vouty and Voutz through the use of external
capacitors. The recommended frequency range spans from DC up to 2.0 kHz. Capacitors
must be added at the output pins to implement low-pass filtering for anti-aliasing and noise
reduction, even if only the multiplexed output (Vout) is used. The equation for the cut-off
frequency ( ft ) of the external filters is:
Taking into account that the internal filtering resistor (Rout) has a nominal value of 32 kΩ, the
equation for the external filter cut-off frequency may be simplified as follows:
f
t
1
2
π R
out
C
load xyz
,,
()
⋅⋅
------------------------------------------------------------------------
=
f
t
5
µF
C
load xyz
,,
()
--------------------------------------- Hz
[]
=


Similar Part No. - LIS352AR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
LIS352AXTR STMICROELECTRONICS-LIS352AXTR Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
More results

Similar Description - LIS352AR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
   MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
logo
Analog Devices
ADXL377 AD-ADXL377 Datasheet
407Kb / 13P
   3-Axis 짹200 g Analog MEMS
Rev. PrB
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com