Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH23LQTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBH23LQTR
Description  LNB supply and control IC with step-up and I2C interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23LQTR Datasheet(HTML) 5 Page - STMicroelectronics

  LNBH23LQTR Datasheet HTML 1Page - STMicroelectronics LNBH23LQTR Datasheet HTML 2Page - STMicroelectronics LNBH23LQTR Datasheet HTML 3Page - STMicroelectronics LNBH23LQTR Datasheet HTML 4Page - STMicroelectronics LNBH23LQTR Datasheet HTML 5Page - STMicroelectronics LNBH23LQTR Datasheet HTML 6Page - STMicroelectronics LNBH23LQTR Datasheet HTML 7Page - STMicroelectronics LNBH23LQTR Datasheet HTML 8Page - STMicroelectronics LNBH23LQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LNBH23L
Application information
Doc ID 15335 Rev 4
5/25
2
Application information
This IC has a built-in DC-DC step-up converter that, from a single source from 8 V to 15 V,
generates the voltages (VUP) that let the linear post-regulator to work at a minimum
dissipated power of 0.55 W typ. @ 500 mA load (the linear post-regulator drop voltage is
internally kept at VUP - VOUT = 1.1 V typ.). An under voltage lockout circuit will disable the
whole circuit when the supplied VCC drops below a fixed threshold (6.7 V typically).
Note:
In this document the VOUT is intended as the voltage present at the linear post-regulator
output (VoRX pin).
2.1
DiSEqC™ data encoding
The internal 22 kHz tone generator is factory trimmed in accordance to the standards, and
can be selected by I²C interface TTX bit (or TTX pin) and activated by a dedicated pin
(DSQIN) that allows immediate DiSEqC™ data encoding, or through TEN I²C bit in case the
22 kHz presence is requested in continuous mode. In stand-by condition (EN bit LOW) The
TTX function must be disabled setting TTX to LOW. Besides the internal 22 kHz tone
generator, the auxiliary modulation pin (EXTM) can be driven by an external 22 kHz source
and in this case TTX must be set to low.
2.2
DiSEqC™ 1.X implementation by EXTM pin
In order to improve design flexibility and reduce the total application cost, an analogic
modulation input pin is available (EXTM) to generate the 22 kHz tone superimposed to the
VoRX DC output voltage. An appropriate DC blocking capacitor must be used to couple the
modulating signal source to the EXTM pin. If the EXTM solution is used the output R-L filter
can be removed (see Figure 5) saving the external components cost. If this configuration is
used keep TTX set to low.
The pin EXTM modulates the VoRX voltage through the series decoupling capacitor, so that:
VoRX(AC) = VEXTM(AC) x GEXTM
Where VoRX(AC) and VEXTM(AC) are, respectively, the peak to peak voltage on the VoRX and
EXTM pins while GEXTM is the voltage gain from EXTM to VoRX.
2.3
DiSEqC™ 1.X implementation with VOTX and EXTM pin
connection
If an external 22 kHz tone source is not available, it is possible to use the internal 22 kHz
tone generator signal available through the VoTX pin to drive the EXTM pin. The VoTX pin
internal circuit must be preventively set ON by setting the TTX function to High. This can be
controlled both through the TTX pin or by I²C bit. By this way the VoTX 22 kHz signal will be
superimposed to the VoRX DC voltage to generate the LNB output 22 kHz tone (see
Figure 3). After TTX is set to High the internal 22 kHz tone generator available through the
VoTX pin can be activated during the 22 kHz transmission either by DSQIN pin or by the TEN
bit.The DSQIN internal circuit activates the 22 kHz tone on the VoTX output with 0.5 cycles ±
25 µs delay from the TTL signal presence on the DSQIN pin, and it stops with 1 cycles ± 25
µs delay after the TTL signal is expired. As soon as the tone transmission is expired, the


Similar Part No. - LNBH23LQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
More results

Similar Description - LNBH23LQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
   LNB supply and control IC with step-up and I2C interface
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
   Dual LNB supply and control IC with step-up and I2C interface
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
November 2002
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
   LNB supply and control IC with step-up and IC interface
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
   Dual LNB supply and control IC with Step-Up converter and I2C interface
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
   DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
LNBH29 STMICROELECTRONICS-LNBH29 Datasheet
1Mb / 31P
   LNB supply and control IC with step-up and I짼C interface
March 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com