Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7291SG Datasheet(PDF) 2 Page - Rohm

Part # BU7291SG
Description  High Speed with Low Voltage CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7291SG Datasheet(HTML) 2 Page - Rohm

  BU7291SG Datasheet HTML 1Page - Rohm BU7291SG Datasheet HTML 2Page - Rohm BU7291SG Datasheet HTML 3Page - Rohm BU7291SG Datasheet HTML 4Page - Rohm BU7291SG Datasheet HTML 5Page - Rohm BU7291SG Datasheet HTML 6Page - Rohm BU7291SG Datasheet HTML 7Page - Rohm BU7291SG Datasheet HTML 8Page - Rohm BU7291SG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Technical Note
2/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
●Absolute Maximum Ratings(Ta=25[℃])
Parameter
Symbol
Ratings
Unit
BU7291G, BU7255HFV
BU7495HFV, BU7481G
BU7485G, BU5281G
BU7291SG, BU7255SHFV
BU7495SHFV, BU7481SG
BU7485SG, BU5281SG
Supply Voltage
VDD - VSS
+7
V
Differential Input Voltage
(*1)
Vid
VDD - VSS
V
Input Common-mode
Voltage Range
Vicm
(VSS - 0.3) ~ (VDD + 0.3)
V
Operating Temperature
Topr
- 40 ~ +85
- 40 ~ +105
Storage Temperature
Tstg
- 55 ~ +125
Maximum
Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated
temperature environment may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
●Electrical characteristics: Input-Output Full Swing
○BU7291 family(Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7291G, BU7291SG
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
1
9
mV
Input Offset Current
(*2)
Iio
25℃
1
pA
Input Bias Current
(*2)
Ib
25℃
1
pA
Supply Current
(*3)
IDD
25℃
470
800
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=1.5[V]
Full range
-
1100
High Level Output Voltage
VOH
25℃
VDD-0.1
V
RL=10[k
Ω]
Low Level Output Voltage
VOL
25℃
VSS+0.1
V
RL=10[k
Ω]
Large Signal Voltage Gain
AV
25℃
70
105
dB
RL=10[k
Ω]
Input Common-mode
Voltage Range
Vicm
25℃
0
3
V
VSS ~ VDD
Common-mode Rejection Ratio
CMRR
25℃
40
60
dB
Power Supply Rejection Ratio
PSRR
25℃
45
80
dB
Output Source Current
(*4)
IOH
25℃
5
8
mA
VDD-0.4[V]
Output Sink Current
(*4)
IOL
25℃
9
16
mA
VSS+0.4[V]
Slew Rate
SR
25℃
3.0
V/
μs
CL=25[pF]
Gain Band width
FT
25℃
2.8
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
50
°
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
0.03
%
VOUT=0.8[Vp-p],f=1[kHz]
(*2)
Absolute value
(*3)
Full range BU7291: Ta=-40[℃]~+85[℃]
BU7291S: Ta=-40[℃]~+105[℃]
(*4)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7291SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7291SG ROHM-BU7291SG Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7291SG ROHM-BU7291SG Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7291SG ROHM-BU7291SG Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
BU7291SG-TR ROHM-BU7291SG-TR Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
BU7291SG-TR ROHM-BU7291SG-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
More results

Similar Description - BU7291SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com