Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S256FVM-WE2 Datasheet(PDF) 3 Page - Rohm

Part # BR25S256FVM-WE2
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S256FVM-WE2 Datasheet(HTML) 3 Page - Rohm

  BR25S256FVM-WE2 Datasheet HTML 1Page - Rohm BR25S256FVM-WE2 Datasheet HTML 2Page - Rohm BR25S256FVM-WE2 Datasheet HTML 3Page - Rohm BR25S256FVM-WE2 Datasheet HTML 4Page - Rohm BR25S256FVM-WE2 Datasheet HTML 5Page - Rohm BR25S256FVM-WE2 Datasheet HTML 6Page - Rohm BR25S256FVM-WE2 Datasheet HTML 7Page - Rohm BR25S256FVM-WE2 Datasheet HTML 8Page - Rohm BR25S256FVM-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Technical Note
3/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Block diagram
●Operating timing characteristics (Ta=-40~+85°C, unless otherwise specified, load capacity CL=30pF)
Parameter
Symbol
1.7≦Vcc<2.5V
1.8≦Vcc<2.5V
2.5≦Vcc<4.5V
4.5≦Vcc<5.5V
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
SCK frequency
fSCK
-
-
3
-
-
5
-
-
10
-
-
20
MHz
SCK high time
tSCKWH
125
-
-
80
-
-
40
-
-
20
-
-
ns
SCK low time
tSCKWL
125
-
-
80
-
-
40
-
-
20
-
-
ns
CSB high time
tCS
250
-
-
90
-
-
40
-
-
20
-
-
ns
CSB setup time
tCSS
100
-
-
60
-
-
30
-
-
15
-
-
ns
CSB hold time
tCSH
100
-
-
60
-
-
30
-
-
15
-
-
ns
SCK setup time
tSCKS
100
-
-
50
-
-
20
-
-
15
-
-
ns
SCK hold time
tSCKH
100
-
-
50
-
-
20
-
-
15
-
-
ns
SI setup time
tDIS
30
-
-
20
-
-
10
-
-
5
-
-
ns
SI hold time
tDIH
50
-
-
20
-
-
10
-
-
5
-
-
ns
Data output delay time
tPD
-
-
125
-
-
80
-
-
40
-
-
20
ns
Output hold time
tOH
0
-
-
0
-
-
0
-
-
0
-
-
ns
Output disable time
tOZ
-
-
200
-
-
80
-
-
40
-
-
20
ns
HOLDB setting setup time
tHFS
100
-
-
0
-
-
0
-
-
0
-
-
ns
HOLDB setting hold time
tHFH
100
-
-
20
-
-
10
-
-
5
-
-
ns
HOLDB release setup time
tHRS
100
-
-
0
-
-
0
-
-
0
-
-
ns
HOLDB release hold time
tHRH
100
-
-
20
-
-
10
-
-
5
-
-
ns
Time from HOLDB to output High-Z
tHOZ
-
-
100
-
-
80
-
-
40
-
-
20
ns
Time from HOLDB to output change
tHPD
-
-
100
-
-
80
-
-
40
-
-
20
ns
SCK rise time
*1
tRC
-
-
1
-
-
1
-
-
1
-
-
1
μs
SCK fall time
*1
tFC
-
-
1
-
-
1
-
-
1
-
-
1
μs
OUTPUT rise time
*1
tRO
-
-
100
-
-
50
-
-
40
-
-
20
ns
OUTPUT fall time
*1
tFO
-
-
100
-
-
50
-
-
40
-
-
20
ns
Write time
tE/W
-
-
5
-
-
5
-
-
5
-
-
5
ms
*1 NOT 100% TESTED
Fig.1
Block diagram
INSTRUCTION DECODE
CONTROL CLOCK
GENERATION
VOLTAGE
DETECTION
WRITE
INHIBITION
HIGH VOLTAGE
GENERATOR
INSTRUCTION
REGISTER
32~256K
EEPROM
ADDRESS
REGISTER
DATA
REGISTER
ADDRESS
DECODER
READ/WRITE
AMP
8bit
STATUS REGISTER
1
CSB
2
SO
3
WPB
4
GND
8 Vcc
7 HOLDB
6 SCK
5 SI
12~15bit *1
8bit
12~15bit *1
*1 12bit: BR25S320-W
13bit: BR25S640-W
14bit: BR25S128-W
15bit: BR25S256-W


Similar Part No. - BR25S256FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S256FVM-WE2 ROHM-BR25S256FVM-WE2 Datasheet
678Kb / 35P
   SPI BUS EEPROM
More results

Similar Description - BR25S256FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com