Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S640NUX-WE2 Datasheet(PDF) 1 Page - Rohm

Part # BR25S640NUX-WE2
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S640NUX-WE2 Datasheet(HTML) 1 Page - Rohm

  BR25S640NUX-WE2 Datasheet HTML 1Page - Rohm BR25S640NUX-WE2 Datasheet HTML 2Page - Rohm BR25S640NUX-WE2 Datasheet HTML 3Page - Rohm BR25S640NUX-WE2 Datasheet HTML 4Page - Rohm BR25S640NUX-WE2 Datasheet HTML 5Page - Rohm BR25S640NUX-WE2 Datasheet HTML 6Page - Rohm BR25S640NUX-WE2 Datasheet HTML 7Page - Rohm BR25S640NUX-WE2 Datasheet HTML 8Page - Rohm BR25S640NUX-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/18
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
High Reliability Series Serial EEPROMs
SPI BUS
BR25□□□□family
BR25S□□□ Series
●Description
BR25S
□□□ series is a serial EEPROM of SPI BUS interface method.
●Features
1) High speed clock action up to 20MHz (Max.)
2) Wait function by HOLDB terminal
3) Part or whole of memory arrays settable as read only memory area by program
4) 1.7~5.5V single power source action most suitable for battery use
5) Page write mode useful for initial value write at factory shipment
6) Highly reliable connection by Au pad and Au wire
7) For SPI bus interface (CPOL, CPHA) = (0, 0), (1, 1)
8) Auto erase and auto end function at data rewrite
9) Low current consumption
At write action (5V)
:
1.5mA (Typ.)
At read action (5V)
:
1.0mA (Typ.)
At standby action (5V)
:
0.1
μA (Typ.)
10) Address auto increment function at read action
11) Write mistake prevention function
Write prohibition at power on
Write prohibition by command code (WRDI)
Write prohibition by WPB pin
Write prohibition block setting by status registers (BP1, BP0)
Write mistake prevention function at low voltage
12) SOP8/SOP-J8/SSOP-B8/TSSOP-B8/MSOP8/TSSOP-B8J/VSON008X2030 Package
13) Data at shipment Memory array: FFh, status register WPEN, BP1, BP0 : 0
14) Data kept for 40 years
15) Data rewrite up to 1,000,000 times
●Page Write
Page
32Byte
64Byte
Part Number
BR25S320-W
BR25S640-W
BR25S128-W
BR25S256-W
●BR25S
□□□ series
Capacity Bit format
Power source
voltage
SOP8
SOP-J8
SSOP-B8 TSSOP-B8
MSOP8
TSSOP-B8J
VSON008
X2030
32Kbit
4K×8
1.7V~5.5V
64Kbit
8K×8
1.7V~5.5V
128Kbit
16K×8
1.7V~5.5V
256Kbit
32K×8
1.7V~5.5V
No.10001EBT08


Similar Part No. - BR25S640NUX-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S640NUX-W ROHM-BR25S640NUX-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
More results

Similar Description - BR25S640NUX-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com