Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-MSMF020 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-MSMF020
Description  Compliant with AEC-Q200 Rev-C- Stress Test Qualifi cation for Passive Components in Automotive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF020 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-MSMF020 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF020 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF020 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF020 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF020 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MF-MSMF Series - PTC Resettable Fuses
A
B
C
Top and Bottom View
Side View
D
Top View
Style 2
Style 1
Bottom View
Side View
Recommended Pad Layout
8
C
A
B
D
C
2.95 ± 0.10
(.114 ± .004)
3.1 ± 0.10
(.122 ± .004)
1.68 ± 0.05
(.066 ± .002)
Recommended Pad Layout
3.2 ± 0.1
(0.126 ± .004)
2.7 ± 0.1
(.106 ± .004)
1.5 ± 0.05
(.059 ± .002)
1.5 ± 0.05
(.059 ± .002)
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Product Dimensions (see previous page for dimensions)
Typical Time to Trip at 23 ˚C
0.001
0.01
0.1
1
10
100
0.1
1
10
100
MF-MSMF020
MF-MSMF030
MF-MSMF200
MF-MSMF014
MF-MSMF010
MF-MSMF050
MF-MSMF075
MF-MSMF075/24
MF-MSMF110
MF-MSMF110/16
MF-MSMF125
MF-MSMF150
MF-MSMF160
MF-MSMF260
Fault Current (Amps)
The Time to Trip curves represent typical
performance of a device in a simulated
application environment. Actual performance
in specific customer applications may differ
from these values due to the influence of
other variables.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.


Similar Part No. - MF-MSMF020

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF020 BOURNS-MF-MSMF020 Datasheet
260Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF020 BOURNS-MF-MSMF020 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF020 BOURNS-MF-MSMF020 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF020 BOURNS-MF-MSMF020 Datasheet
319Kb / 5P
   PTC Resettable Fuses
MF-MSMF020 BOURNS-MF-MSMF020 Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-MSMF020

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
   AEC-Q200 Compliant
logo
Amphenol Corporation
NK501C21 AMPHENOL-NK501C21 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
CR1 AMPHENOL-CR1 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
NKA501C2 AMPHENOL-NKA501C2 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A_17 Datasheet
73Kb / 2P
   For 600V to 3000V Automotive Applications ??AEC-Q200
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
   AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
logo
Rohm
MNR02 ROHM-MNR02_12 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Bourns Electronic Solut...
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com