Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSS050P03TB Datasheet(PDF) 1 Page - Rohm

Part # RSS050P03TB
Description  Switching (??0V, ??.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS050P03TB Datasheet(HTML) 1 Page - Rohm

  RSS050P03TB Datasheet HTML 1Page - Rohm RSS050P03TB Datasheet HTML 2Page - Rohm RSS050P03TB Datasheet HTML 3Page - Rohm RSS050P03TB Datasheet HTML 4Page - Rohm RSS050P03TB Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSS050P03
Transistors
Rev.A
1/4
Switching (
−30V, −5.0A)
RSS050P03
Features
1) Low On-resistance.
2) Built-in G-S Protection Diode.
3) Small and Surface Mount Package (SOP8).
Application
Power switching, DC / DC converter.
Structure
Silicon P-channel
MOS FET
External dimensions (Unit : mm)
Each lead has same dimensions
SOP8
3.9
6.0
0.4Min.
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
RSS050P03
TB
2500
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
−30
V
VGSS
±20
A
ID
±5.0
A
IDP
±20
A
IS
−1.6
A
ISP
−20
W
PD
2.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
Equivalent circuit
(1) Source
(2) Source
(3) Source
(4) Gate
(5) Drain
(6 )Drain
(7) Drain
(8) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(8)
(7)
(6)
(5)
(1)
(2)
(3)
(4)
Thermal resistance (Ta=25
°C)
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
Mounted on a ceramic board.


Similar Part No. - RSS050P03TB

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS050P03 ROHM-RSS050P03 Datasheet
87Kb / 5P
   Switching (-30V, -5.0A)
More results

Similar Description - RSS050P03TB

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR020P02TL ROHM-RTR020P02TL Datasheet
110Kb / 5P
   Switching (??0V, ??.0A)
logo
Renesas Technology Corp
RJE0620JPD RENESAS-RJE0620JPD_15 Datasheet
107Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
RJE0618JSP RENESAS-RJE0618JSP_15 Datasheet
106Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
logo
Foshan Blue Rocket Elec...
SSL34F FOSHAN-SSL34F Datasheet
934Kb / 6P
   Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
logo
Renesas Technology Corp
RJE0617JSP RENESAS-RJE0617JSP Datasheet
262Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP_15 Datasheet
224Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
logo
Gulf Semiconductor
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
logo
Zibo Seno Electronic En...
SF510 ZSELEC-SF510 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Rohm
2SB1427T100E ROHM-2SB1427T100E Datasheet
57Kb / 3P
   Power transistor (??0V, ??A)
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_15 Datasheet
106Kb / 7P
   ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com