Selected language     English  ▼


I0198 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. I0198
Description  Build Leading Edge Systems with Proven 3rd Generation FPGAs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

   
 4 page
background image
LATTICESEMI.COM
Applications Support
1-800-LATTICE (528-8423)
503-268-8001
techsupport@latticesemi.com
Copyright © 2012 Lattice Semiconductor Corporation. Lattice Semiconductor, L (stylized) Lattice Semiconductor Corp., and Lattice (design), ispLEVER, ispLeverCORE, Lattice Diamond, LatticeCORE,
LatticeECP3, LatticeECP2M, LatticeMico32, sysCLOCK, sysCONFIG, sysDSP, sysIO, sysMEM, and TransFR are either registered trademarks or trademarks of Lattice Semiconductor Corporation in the United
States and/or other countries. Other product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
May 2012
Order #: I0198H
Design Made Simple with Advanced Design Software and IP
Lattice Diamond Design Software
Lattice Diamond® design software offers leading-edge design and
implementation tools optimized for cost sensitive, low-power Lattice
FPGA architectures. Diamond is the next generation replacement
for ispLEVER® featuring design exploration, ease of use, improved
design flow, and numerous other enhancements. The combination
of new and enhanced features allows users to complete designs
faster, easier, and with better results than ever before.
Intellectual Property
Lattice offers an expanding portfolio of IP cores (LatticeCORE) to
support the easy integration of commonly used functions. Lattice
also offers IP Suites that are a collection of related IP cores for
select applications/markets at very attractive prices. The following
table provides a partial listing of IP Suites available for the
LatticeECP3 family. In addition to these, LatticeCORE Connections
Partners also offer a wide range of IP. For a complete list of IP
options, please visit www.latticesemi.com/ip.
LatticeCORE IP Suites for LatticeECP3 FPGAs
IP Suite
Included IP Cores
Value
• DDR3/DDR2/DDR Memory
Controller
• FFT Compiler
• FIR Filter Generator
• Triple Speed 10/100/1G
Ethernet MAC
PCI
Express
• PCI Express Endpoint x1 / x4
• PCI Express Root Complex
Lite x1 / x4
• PCI Target 32-bit / 64-bit
• PCI Master/Target 32-bit /
64-bit
• Scatter Gather DMA
Gigbit
Ethernet
• 10Gb+ Ethernet MAC
• Scatter Gather DMA
• SGMII & Gigabit Ethernet
MAC
• Triple Speed 10/100/1G
Ethernet MAC
• XAUI
Signal
Processing
• Advanced FIR Filter
• Block Convolutional Encoder
• Block Viterbi Decoder
• Cascaded Integrated Comb
Filter - CIC
• CORDIC
• Correlator
• Distributed Arithmetic FIR
Filter
• Dynamic Block Reed Solomon
Decoder / Encoder
• FFT Compiler
• FIR Filter Generator
• Interleaver / De-interleaver
• Numerically Controlled
Oscillator
• Turbo Decoder / Encoder
Video &
Display
• 2D FIR Filter
• Color Space Converter
• Edge Detector
• Gamma Corrector
• Median Filter
• Tri-rate SDI PHY
• Scaler
LatticeECP3 (Economy Plus FPGAs with SERDES, sysDSP Blocks, & Source Synchronous I/O)
Parameter
ECP3-17
ECP3-35
ECP3-70
ECP3-95
ECP3-150
LUTs (K)
17
33
67
92
149
Number of EBR SRAM Blocks
38
72
240
240
372
EBR Block SRAM (K bits)
700
1327
4420
4420
6850
Distributed RAM (K bits)
36
68
145
188
303
18x18 Embedded Multipliers
24
64
128
128
320
3.2Gbps SERDES Channels
4
4
12
12
16
Maximum Available I/O
222
310
490
490
586
Number of PLLs/DLLs
2+2
4+2
10+2
10+2
10+2
Power Grades1
-S, -L
-S, -L
-S, -L
-S, -L
-S, -L
Speed Grades2
-6, -7, -8
-6, -7, -8, -9
-6, -7, -8, -9
-6, -7, -8, -9
-6, -7, -8, -9
Packages & SERDES / I/O Combinations
328-ball csBGA (10 x 10 mm)
2/116
256-ball ftBGA (17 x 17 mm)
4/133
4/133
484-ball fpBGA (23 x 23 mm)
4/222
4/295
4/295
4/295
672-ball fpBGA (27 x 27 mm)
4/310
8/380
8/380
8/380
1156-ball fpBGA (35 x 35 mm)
12/490
12/490
16/586
1. -S = Standard Power; -L = Low Power
2. -9 = High-Speed Device




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl