Selected language     English  ▼


I0198 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part No. I0198
Description  Build Leading Edge Systems with Proven 3rd Generation FPGAs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

   
 2 page
background image
LatticeECP3 Architecture
Architecture Overview
LatticeECP3 FPGAs utilize Lattice’s third generation of cost
optimized transceivers and a low-power 65-nm process FPGA
architecture. Building on the successful LatticeECP2MFPGA
family, LatticeECP3 devices deliver high-performance SERDES
blocks, cascadable high-performance sysDSP, ultra-high logic
and sysMEMembedded RAM, distributed memory, sysCLOCK
PLLs, DDR3 memory interface, and sysIO buffers. LatticeECP3
provides a low-cost, low-power programmable solution for a
wide variety of wireless and wireline applications.
LatticeECP3 Block Diagram
SERDES SERDES SERDES SERDES
Cascadable
sysDSP Blocks
implements
high-performance
multiplier, MAC,
wide adder
trees, and ALU
functions
efficiently.
JTAG
On-Chip
Oscillator
sysCLOCK PLLs
& DLLs for
clock
management.
sysMEM Embedded Block
RAM (EBR) provides 18kbit
dual port RAM.
Configuration Logic supports
dual boot, encryption and TransFR
updates.
Flexible sysIO
Buffers support
LVCMOS,
HSTL, SSTL,
LVDS and more.
Pre-Engineered Source
Synchronous Support
implements DDR3 at
800Mbps and generic
interfaces up to 1Gbps.
Programmable
Function Unit
(PFU)
perform Logic,
Arithmetic,
Distributed RAM
and Distributed
ROM functions.
Embedded 3.2Gbps SERDES
support PCI Express, Ethernet
(XAUI, 1GbE, SGMII), CPRI,
and 3G/HD/SD-SDI.
Programmable Function
Unit (PFU) Block Diagram
Carry Chain
Carry Chain
LUT4
LUT4
LUT4
FF
FF
LUT4
LUT4
FF
FF
LUT4
LUT4
FF
FF
LUT4
To
Routing
From
Routing
Slice 3
Slice 2
Slice 1
Slice 0
sysDSP Block Diagram
Pipeline
Registers
ALU
Output Registers
Multipliers
Input Registers
Slice 0
Slice 1
==
∑ ± & + ⊕
Pipeline
Registers
ALU
Output Registers
Multipliers
Input Registers
==
∑ ± & + ⊕
sysCLOCK PLL Block Diagram
Internal Feedback
Clock
Input
Reset
Control
Signals
Clock
Feedback
Lock Detect
÷3
Phase
Frequency
Detector /
Voltage
Control
Oscillator
Divider
Duty Trim
Phase/
Duty Cycle/
Duty Trim
17K
33K
67K
92K
149K
6
5
3
4
2
1
0
7
LUTs
UP TO
7Mb
LatticeECP3 EBR SRAM (Mbits)
sysMEM Config Options
Single Port
Dual Port
Pseudo-Dual
Port
16384 x 1
16384 x 1
16384 x 1
8192 x 2
8192 x 2
8192 x 2
4096 x 4
4096 x 4
4096 x 4
2048 x 9
2048 x 9
2048 x 9
1024 x 18
1024 x 18
1024 x 18
512 x 36
512 x 36
Dual-boot and 128-bit AES
Encryption
SPI Configuration
Memory
LatticeECP3
Decryption
Engine
128-bit Key
FPGA
Logic
Read
Data
Sector 0
Sector 1
Control
Configuration A
Configuration B
[
[
Pre-Engineered Source
Synchronous Interfaces
DDR3 (800 Mbps)
7:1 LVDS, ADC/DAC
Output Register
Block
(6 Flip/Flops)
ISI
Correction
Input Register
Block
(15 Flip/Flops)
4:1
Gearbox
4:1
Gearbox
FPGA
Fabric
DQS/Strobe Delay & Transition Detect
& Write Clock Generation
Tri-State
Register Block
(2 Flip/Flops)




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl