Selected language     English  â–¼


I0198 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part No. I0198
Description  Build Leading Edge Systems with Proven 3rd Generation FPGAs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

   
 3 page
background image
High-Value, Low-Power Serial
Protocol Solutions
Evaluation &
Development
Boards
To accelerate your design development,
Lattice offers several development boards
to support LatticeECP3 designs. These
boards enable you to evaluate the benefits
and capabilities of LatticeECP3 devices in
a lab setting.
CPRI Low Latency Option
Supports data rates for up to 3.072Gbps CPRI links
Supports multi-hop RRH applications through innovative low-latency
variation SERDES implemementation
Library of CPRI, JESD204A, SRIO, Ethernet and DSP cores and reference
designs for single-chip RF and baseband implementations
CDR
Recovered Clock
8b or 16b
rx data
Bypassable
Bridge
FIFO
RX
Des
WA
10b/8b
CPRI
IP Core
SERDES/PCS
FPGA Fabric
IP Core
User Interface
rx_clk
ff_rxi_clk
Offset
To SCI
Bypassable Bridge FIFO
for Single Clock
Domain Implementation
Word Aligner Variation
Reported in
Offset Registers
The LatticeECP3 Serial Protocol Board provides
a platform to evaluate the LatticeECP3 device's
multi-protocol serial protocol functionality as well
as DDR2 and DDR3 memory interfaces.
The LatticeECP3 Video Protocol Board provides
a platform to evaluate the LatticeECP3 device's
multi-rate 3G/HD/SDI and 7:1 LVDS capabilities.
Breakout options for other display interfaces are
also available.
LatticeECP3 Multi-Protocol Stack
Supports commonly used Ethernet protocols (1GbE, SGMII, and XAUI),
Wireless protocols, such as CPRI, are supported by extension
Supports PCI Express and Serial RapidIO
PCI
Express
Serial
RapidIO
GbE / SGMII*
XAUI
Supported
PHYs
Embedded
SERDES
and
Physical
Coding
Sub-Layers
(PCS)
Soft IP
* CPRI Supported By Extension
Channel
Alignment
Rx Link
Synchronize
8b/10b
RX State
Machine
State Machine
Soft Logic
Channel
Alignment
Rx Link
Synchronize
8b/10b
Clock Tolerance
Compensation
Clock Tolerance
Compensation
LTSSM
Framing
PCIe PHY
Soft Logic
Channel
Alignment
Rx Link
Synchronize
8b/10b
Clock Tolerance
Compensation
XAUI State
Machine
XAUI PCS
Soft Logic
Rx Link
Synchronize
8b/10b
Clock Tolerance
Compensation
Auto Negotiation
GbE & SGMII
State Machine
Tx
Rx
Tx Rx
Tx Rx
Tx Rx
LatticeECP3 SERDES
Enhanced SMPTE Support
Any rate, any channel, any direction for SD/HD and 3G
• New x11 divider setting
• Added independent Rx clocking per channel
Truly independent Rx/Tx multi-rate support for SD/HD/3G!
PLL (x20)
Fabric
SMPTE Divider Settings
148.35 MHz
148.5 MHz
Reference Clock
Rx 3
Rx 2Rx 1
Rx
Tx
Rx 0
Tx 3Tx 1
Tx 0
Tx 2
DIV2: 1.485 Gbps
DIV1: 2.97 Gbps
DIV11: 270 Mbps
3G
HD
Rec Clk 3
Rec Clk 2
Rec Clk 1
Rec Clk 0
HD
3G
3G
SD
SD
HD
Fractional
148.5 MHz
Reference Clock
The Lattice HDR-60 Video Camera
Development Kit is an FPGA-based HDR
camera capable of supporting 1080p60
over HDMI/DVI output. The design needs
no external frame buffer, enabling the lowest
cost FPGA HDR camera BOM. Features include
Auto White Balance, industry's fastest
auto-exposure, extremely low-latency and
120dB High Dynamic Range.
The LatticeECP3 Versa Evaluation Board
is the industry's lowest cost FPGA board
with PCI Express and two Gigabit Ethernet
ports. It is useful for appreciating the quality
of LatticeECP3 SERDES and developing a
wide-range of networking and system design
applications.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl