Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF3N40 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQPF3N40
Description  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF3N40 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQPF3N40 Datasheet HTML 1Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 2Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 3Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 4Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 5Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 6Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 7Page - Fairchild Semiconductor FQPF3N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
  
 
   
(7.00)
(0.70)
MAX1.47
#1
10.16
±0.20
(1.00x45
°)
2.54
±0.20
0.80
±0.10
9.40
±0.20
2.76
±0.20
0.35
±0.10
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05



Similar Part No. - FQPF3N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF3N25 FAIRCHILD-FQPF3N25 Datasheet
641Kb / 8P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF3N25 ISC-FQPF3N25 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF3N30 FAIRCHILD-FQPF3N30 Datasheet
720Kb / 8P
   300V N-Channel MOSFET
FQPF3N50C FAIRCHILD-FQPF3N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF3N50C ISC-FQPF3N50C Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF3N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com