Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWF06S Datasheet(PDF) 6 Page - International Rectifier

Part # 8EWF06S
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF06S Datasheet(HTML) 6 Page - International Rectifier

  8EWF06S Datasheet HTML 1Page - International Rectifier 8EWF06S Datasheet HTML 2Page - International Rectifier 8EWF06S Datasheet HTML 3Page - International Rectifier 8EWF06S Datasheet HTML 4Page - International Rectifier 8EWF06S Datasheet HTML 5Page - International Rectifier 8EWF06S Datasheet HTML 6Page - International Rectifier 8EWF06S Datasheet HTML 7Page - International Rectifier 8EWF06S Datasheet HTML 8Page - International Rectifier 8EWF06S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
I2124 rev. B 10/99
8EWF..S
QUIET
IR Series
Ordering Information Table
8
E
W
F
06
S
TRL
1
5
2
4
3
6
7
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
W = D-Pak
4
-
Type of Silicon:
F = Fast Soft Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
S = Surface Mountable
7
-
Tape and Reel Option:
TRL = Left Orientation Reel
TRR = Right Orientation Reel
02 = 200V
04 = 400V
06 = 600V
Device Code
Dimensionsinmillimetersand(inches)
Outline Table
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - Anode
4 - Cathode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
123
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 ( 0.02)
MINIMUM RECOMMENDED F OOTPRINT
5.97 (0.24)
10.67 (0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 (0.09)
2x
BASE
CATHODE
CATHODE ANODE
ANODE
4
12
3
Document Number: 93160
www.vishay.com
6


Similar Part No. - 8EWF06S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
8EWF06S ISC-8EWF06S Datasheet
312Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
8EWF06SLHM3 VISHAY-8EWF06SLHM3 Datasheet
222Kb / 7P
   Surface Mount Fast Soft Recovery Rectifier Diode, 8 A
01-Jan-2022
logo
International Rectifier
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06STRL IRF-8EWF06STRL Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF06STRLPBF VISHAY-8EWF06STRLPBF Datasheet
238Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 01-Jul-09
More results

Similar Description - 8EWF06S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 17-Nov-11
8EWF10SPBF VISHAY-8EWF10SPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
8EWF12STRPBF VISHAY-8EWF12STRPBF_13 Datasheet
225Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com