Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP18NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP18NM60N
Description  N-channel 600 V, 0.26typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP18NM60N Datasheet HTML 3Page - STMicroelectronics STP18NM60N Datasheet HTML 4Page - STMicroelectronics STP18NM60N Datasheet HTML 5Page - STMicroelectronics STP18NM60N Datasheet HTML 6Page - STMicroelectronics STP18NM60N Datasheet HTML 7Page - STMicroelectronics STP18NM60N Datasheet HTML 8Page - STMicroelectronics STP18NM60N Datasheet HTML 9Page - STMicroelectronics STP18NM60N Datasheet HTML 10Page - STMicroelectronics STP18NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STB18NM60N, STF18NM60N, STP18NM60N, STW18NM60N
Electrical characteristics
Doc ID 15868 Rev 4
7/21
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Static drain-source on resistance
Figure 11.
Gate charge vs gate-source voltage
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
12
8
4
0
0
8
VDS(V)
16
(A)
412
16
24
5V
6V
4V
VGS=10V
7V
20
20
AM05528v1
ID
0
0
VGS(V)
(A)
VDS=19V
12
8
4
16
24
20
4
8
26
10
AM05529v1
RDS(on)
0.23
0.22
0.21
0.20
0
4
ID(A)
(
Ω)
2
6
0.24
0.25
0.26
0.27
8
10
12
0.28
VGS = 10 V
AM05530v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=480V
ID=13A
12
300
200
100
0
400
500
VDS
VDS
(V)
AM05531v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM05532v1
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200 300
5
6
500
600
7
AM05533v1


Similar Part No. - STP18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
logo
Inchange Semiconductor ...
STP18NM60N ISC-STP18NM60N Datasheet
303Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STP18NM60ND STMICROELECTRONICS-STP18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
logo
Inchange Semiconductor ...
STP18NM60ND ISC-STP18NM60ND Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STW19NM60N STMICROELECTRONICS-STW19NM60N Datasheet
1Mb / 13P
   Automotive-grade N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in a TO-247 package
October 2013 Rev 2
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
   N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com