Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7351PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7351PBF
Description  Synchronous Rectifier MOSFET for Isolated DC-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7351PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7351PBF Datasheet HTML 1Page - International Rectifier IRF7351PBF Datasheet HTML 2Page - International Rectifier IRF7351PBF Datasheet HTML 3Page - International Rectifier IRF7351PBF Datasheet HTML 4Page - International Rectifier IRF7351PBF Datasheet HTML 5Page - International Rectifier IRF7351PBF Datasheet HTML 6Page - International Rectifier IRF7351PBF Datasheet HTML 7Page - International Rectifier IRF7351PBF Datasheet HTML 8Page - International Rectifier IRF7351PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
11/18/09
IRF7351PbF
HEXFET® Power MOSFET
Notes
 through … are on page 10
SO-8
PD - 97436
Benefits
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
Applications
l Synchronous Rectifier MOSFET for
Isolated DC-DC Converters
l Low Power Motor Drive Systems
VDSS
RDS(on) max
Qg (typ.)
60V 17.8m
Ω@VGS = 10V 24nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
20
°C/W
RθJA
Junction-to-Ambient
fg
–––
62.5
-55 to + 150
2.0
0.016
1.28
Max.
8.0
6.4
64
± 20
60
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7


Similar Part No. - IRF7351PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Low Power Motor Drive Systems
IRF7351PBF IRF-IRF7351PBF_15 Datasheet
288Kb / 10P
   Low Power Motor Drive Systems
More results

Similar Description - IRF7351PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4213PBF IRF-IRFH4213PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4226PBF IRF-IRFH4226PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4210PBF IRF-IRFH4210PBF Datasheet
369Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRF7823PBF IRF-IRF7823PBF Datasheet
669Kb / 10P
   Power MOSFET Selection for Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com