Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7413TRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7413TRPBF
Description  fast suitching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7413TRPBF Datasheet(HTML) 9 Page - International Rectifier

  IRF7413TRPBF Datasheet HTML 1Page - International Rectifier IRF7413TRPBF Datasheet HTML 2Page - International Rectifier IRF7413TRPBF Datasheet HTML 3Page - International Rectifier IRF7413TRPBF Datasheet HTML 4Page - International Rectifier IRF7413TRPBF Datasheet HTML 5Page - International Rectifier IRF7413TRPBF Datasheet HTML 6Page - International Rectifier IRF7413TRPBF Datasheet HTML 7Page - International Rectifier IRF7413TRPBF Datasheet HTML 8Page - International Rectifier IRF7413TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7413PbF
www.irf.com
9
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/2008
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRF7413TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRF7413TRPBF VBSEMI-IRF7413TRPBF Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - IRF7413TRPBF

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
   Fast, Precision Fast, Precision
logo
National Semiconductor ...
LH4033C NSC-LH4033C Datasheet
331Kb / 11P
   FAST AND ULTRA FAST BUFFER AMPLIFIERS
logo
EIC discrete Semiconduc...
F1200A EIC-F1200A Datasheet
110Kb / 2P
   FAST RECOVERY
FBR2500W EIC-FBR2500W_05 Datasheet
52Kb / 2P
   FAST RECOVERY
FR101 EIC-FR101_05 Datasheet
170Kb / 2P
   FAST RECOVERY
FKBL400 EIC-FKBL400_05 Datasheet
52Kb / 2P
   FAST RECOVERY
logo
New Jersey Semi-Conduct...
1N994 NJSEMI-1N994 Datasheet
80Kb / 1P
   Fast Rectifier
logo
Yea Shin Technology Co....
FG2001CT YEASHIN-FG2001CT Datasheet
619Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com