Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF46N15 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQPF46N15
Description  150V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF46N15 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQPF46N15 Datasheet HTML 1Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 2Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 3Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 4Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 5Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 6Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 7Page - Fairchild Semiconductor FQPF46N15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
     
    

    !" # $%#&##'( # 
)*#+,*-..Ω, / 
,*-011-0µ .2./ 
"  !"  11µ 3%(%(  4
5 %   6   # 


 





C,
 C?, 
,.+,6.&'+µ)
*'+


,
∆C,
$∆
C?, 
 
6.&'+µ)- &':

+ *(

,$:
6
D<, 
,.*'+,,.+,


*
µ)
,.*&+,.*'+:


*+
µ)
6
<C1?
,.&',,.+,


*++
)
6
<C1?-!
,.&',,.+,


*++
)
 
,
< , 
,.,6.&'+µ)
& +

/ +
,
-
  
- 
,.*+,6.*& 3)

+ +BB
+ +/&

   
,./+,6.*& 3)

&3


 

6  
,.&',,.+,
.* +E#


&'++
B&'+


  

'&+
(7+


-!  

*++
*B+

   

 
,.7',6./' ()
-.&'Ω


B'
3+


-

B&+
('+


 

&*+
/B+


 

&++
/*+

F
 <
,.*&+,6./' ()
,.*+,


3'
**+

F
< 

*'


F
<

/*


     
6
8 


&' (
)
6
8;  


*+& /
)
,
 , 
,.+,6.&' ()


* '
,

-!- !
,.+,6./' ()
6$.*++)$µ

*B+


F
-!- !

+ ''

µ


Similar Part No. - FQPF46N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQPF46N15 ISC-FQPF46N15 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF46N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com