Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMT1AT110 Datasheet(PDF) 3 Page - Rohm

Part # IMT1AT110
Description  General Purpose Transistor (Isolated Dual Transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMT1AT110 Datasheet(HTML) 3 Page - Rohm

  IMT1AT110 Datasheet HTML 1Page - Rohm IMT1AT110 Datasheet HTML 2Page - Rohm IMT1AT110 Datasheet HTML 3Page - Rohm IMT1AT110 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMT1 / UMT1N / IMT1A
Transistors
Rev.C
3/3
-0.1
-0.2
-0.5
-1
-2
-5
-10
-20
-50 -100
-1
-0.5
-0.2
-0.05
COLLECTOR CURRENT : IC
(mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current (
ΙΙ )
lC/lB = 10
Ta = 100
°C
25
°C
-40
°C
50
100
0.5
20
50
100
200
500
1000
12
5
10
EMITTER CURRENT : IE
(mA)
Fig.8 Gain bandwidth product vs.
emitter current
Ta = 25
°C
VCE
= -12V
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Collector output capacitance vs.
Emitter input capacitance vs.
collector-base voltage
emitter-base voltage
Fig.9
-0.5
-20
2
5
10
-1
-2
-5
-10
20
Cib
Cob
Ta = 25
°C
f
= 1MHz
IE
= 0A
IC
= 0A


Similar Part No. - IMT1AT110

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT1A ROHM-IMT1A Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMT1A ROHM-IMT1A Datasheet
100Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMT1A ROHM-IMT1A Datasheet
101Kb / 4P
   General Purpose Transistor
IMT1A ROHM-IMT1A Datasheet
80Kb / 4P
   General Purpose Transistor
IMT1A ROHM-IMT1A Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
More results

Similar Description - IMT1AT110

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX25 ROHM-IMX25 Datasheet
89Kb / 5P
   General purpose transistor (isolated dual transistors)
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
   General purpose transistor (isolated dual transistors)
IMX9T110 ROHM-IMX9T110 Datasheet
52Kb / 4P
   General purpose transistor (isolated dual transistors)
EMT1T2R ROHM-EMT1T2R Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMT17 ROHM-IMT17 Datasheet
121Kb / 3P
   General purpose transistor (isolated dual transistors)
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMX9 ROHM-IMX9 Datasheet
49Kb / 4P
   General purpose transistor (isolated dual transistors)
IMX25 ROHM-IMX25_10 Datasheet
146Kb / 4P
   General purpose transistor (isolated dual transistors)
IMT17T110 ROHM-IMT17T110 Datasheet
65Kb / 3P
   General purpose transistor (isolated dual transistors)
UMT1N ROHM-UMT1N_1 Datasheet
100Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com