Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW-25-14-L-575-055 Datasheet(PDF) 1 Page - Samtec, Inc

Part # DW-25-14-L-575-055
Description  FLEXIBLE .025
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

DW-25-14-L-575-055 Datasheet(HTML) 1 Page - Samtec, Inc

  DW-25-14-L-575-055 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
DW, EW, ZW, HW SERIES
DW–12–12–L–Q–400
HW–14–08–G–S–400–100
ZW–06–10–G–T–450–230
WWW.SAMTEC.COM
SPECIFICATIONS
Specify LEAD STYLE
from chart
F-213-1
Mates with:
SSW, SSQ, ESW, ESQ,
CES, SLW, BSW, BCS,
SSM, IDSS, IDSD, HLE,
PHF, SMSD, SMSS
TYPE
STRIP
NO. PINS
PER ROW
STACKER
HEIGHT
PLATING
OPTION
ROW
OPTION
OTHER
OPTIONS
–“XXX”
= Stacker
Height
LEAD
STYLE
STACKER
HEIGHT
(5,08)
.200
MIN
–S
= Single
Row
–D
= Double
Row
–T
= Triple
Row
–Q
= Double
Row .200"
(5,08 mm)
row space
OVERALL
LENGTH
(OAL)
STACKER
HEIGHT
POST
(0,00).000
MIN
TAIL
(1,40) .055
MIN
– 07
– 08
– 09
–10
–11
–12
–13
–14
–15
–16
–17
–19
OAL
(10,92) .430
(13,46) .530
(18,54) .730
(21,08) .830
(23,62) .930
(26,16) 1.030
(31,24) 1.230
(36,32) 1.430
(16,00) .630
(11,30) .445
(12,19) .480
(33,78) 1.330
(28,70) 1.130
DW
= (2,79 mm)
.110" Tail
EW
= (8,38 mm)
.330" Tail
(8,38)
.330
(2,79)
.110
ZW
= Custom Tail
TAIL
LENGTH
HW
= High Temp
Custom Tail
01 thru 50
TAIL
LENGTH
(2.54) .100 x
No. of Positions
(5,08)
.200
50
02
100
01
03
01
99
(2.54)
.100
01
(2.54)
.100
(2.54)
.100
(0,64) .025 SQ TYP
150
148
(2.54)
.100
(5,08)
.200
(7,52)
.296
–F
= Gold flash on contact,
Matte Tin on tail
–L
= 10µ" (0,25 µm) Gold on contact
area of longer tail,
Matte Tin on tail
–G
= 10µ" (0,25 µm) Gold on contact
area of longer tail,
Gold flash on balance
–T
= Matte Tin
–“XXX”
= Polarized
Specify omitted
pin position
–“XXX”
= ZW or HW
Tail Length
ZW or
HW TAIL
LENGTH
(1,40)
.055
MIN
–LL
= Locking
Lead
(Shortest
dimension
between the
tail and the
post is the
end that will
be crimped.
Available
on tails from
(2,29 mm)
.090" to
(7,87 mm)
.310" only.)
Single row, 01
& 02 positions
& –Q row not
available
For complete specifications
see www.samtec.com?DW,
www.samtec.com?EW or
www.samtec.com?ZW
DW, EW, ZW
Insulator Material:
Black Glass
Filled Polyester
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Current Rating:
3A per contact @
80°C ambient
Operating Temp Range:
-55°C to +125°C with Gold
-55°C to +105°C with Tin
RoHS Compliant:
Yes
Lead–Free Solderable:
Wave Only
For complete specifications
see www.samtec.com?HW-TH
HW
Same as ZW except:
Insulator Material:
Natural Liquid
Crystal Polymer
RoHS Compliant:
Yes
Lead–Free Solderable:
Yes
LEAD
STYLE
– 20
Board
Stacking
BOARD
SPACE
SOCKET
PROFILE
POST
STACKER
HEIGHT
OVERALL
THRU HO
LE
PIN
(OAL)
TAIL
–Q*
= Same as
-T except
middle
row
of pins
missing.
–S
–D
–T
or –Q*
SPECIFICATIONS
Note: Other Gold plating
options available.
Contact Samtec.
FLEXIBLE .025" SQ BOARD STACKERS
Note: This Series is
non-standard, non-returnable.
Note: For added mechanical
stability, Samtec recommends
mechanical board spacers be
used in applications with gold or
selective gold plated connectors.
Contact ipg@samtec.com for
more information.


Similar Part No. - DW-25-14-L-575-055

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DW-01-17-T-S-200 SAMTEC-DW-01-17-T-S-200 Datasheet
164Kb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
DW-02-07-T-S-200 SAMTEC-DW-02-07-T-S-200 Datasheet
62Kb / 1P
   LOW COST BOARD SPACERS
logo
Cherry Semiconductor Co...
DW-5000 CHERRY-DW-5000 Datasheet
32Kb / 2P
   The CHERRY DW 5000 is rock-solid CHERRY technology in a functional design
logo
Festo Corporation.
DW-80-100-Y FESTO-DW-80-100-Y Datasheet
82Kb / 2P
   Hinge cylinder
DW-80-100-Y-A FESTO-DW-80-100-Y-A Datasheet
85Kb / 2P
   Hinge cylinder
More results

Similar Description - DW-25-14-L-575-055

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
DW-01-17-T-S-200 SAMTEC-DW-01-17-T-S-200 Datasheet
164Kb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-25-10-F-D-551-144 SAMTEC-ZW-25-10-F-D-551-144 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-50-10-T-S-450-190 SAMTEC-ZW-50-10-T-S-450-190 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-50-11-T-D-550-150 SAMTEC-ZW-50-11-T-D-550-150 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
TSM-110-01-L-DV-M-TR SAMTEC-TSM-110-01-L-DV-M-TR Datasheet
1Mb / 2P
   SMT .025
HTSS-107-01-L-DV SAMTEC-HTSS-107-01-L-DV Datasheet
433Kb / 1P
   SHROUDED .025
logo
PerkinElmer Optoelectro...
VTT3423LA PERKINELMER-VTT3423LA Datasheet
22Kb / 1P
   .025 NPN Phototransistors
VTT7122 PERKINELMER-VTT7122 Datasheet
21Kb / 1P
   .025 NPN Phototransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com