Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMMBTA06LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMMBTA06LT1G
Description  Driver Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBTA06LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  SMMBTA06LT1G Datasheet HTML 1Page - ON Semiconductor SMMBTA06LT1G Datasheet HTML 2Page - ON Semiconductor SMMBTA06LT1G Datasheet HTML 3Page - ON Semiconductor SMMBTA06LT1G Datasheet HTML 4Page - ON Semiconductor SMMBTA06LT1G Datasheet HTML 5Page - ON Semiconductor SMMBTA06LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBTA05L, MMBTA06L, SMMBTA06L
http://onsemi.com
4
Figure 8. Base Emitter Turn−ON Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (mA)
1.1
VCE = 1 V
Figure 9. Saturation Region
IB, BASE CURRENT (mA)
TA = 25°C
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
10 mA
Figure 10. Base−Emitter Temperature
Coefficient
100
500
0.5
IC, COLLECTOR CURRENT (mA)
−0.8
−1.2
−1.6
−2.0
−2.4
−2.8
10
RqVB for VBE
1.0 2.0
5.0
20
50
200
Figure 11. Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
10000
Thermal Limit
100 ms
1 s
10 ms
1 ms
TA = 150°C
TA = 25°C
TA = −55°C
1
0.1
10
100
1000
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
0.1
10
100
0.01
1.0
0.8
0.6
0.4
0.2
0
Single Pulse at TA = 25°C
MMBTA06L
Figure 12. Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
10000
1000
100
10
1
1000
100
10
1
Thermal Limit
100 ms
1 s
10 ms
1 ms
Single Pulse at TA = 25°C
MMBTA05L


Similar Part No. - SMMBTA06LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBTA06LT1G ONSEMI-SMMBTA06LT1G Datasheet
104Kb / 6P
   Driver Transistors
October, 2016 ??Rev. 10
More results

Similar Description - SMMBTA06LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1 LRC-LMBTA05LT1 Datasheet
111Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA05L ONSEMI-MMBTA05L Datasheet
104Kb / 6P
   Driver Transistors
October, 2016 ??Rev. 10
logo
First Silicon Co., Ltd
MMBTA55 FS-MMBTA55 Datasheet
245Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA55L ONSEMI-MMBTA55L Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
logo
WILLAS ELECTRONIC CORP
MMBTA5XLT1 WILLAS-MMBTA5XLT1 Datasheet
435Kb / 3P
   Driver Transistors
MMBTA0XLT1 WILLAS-MMBTA0XLT1 Datasheet
325Kb / 3P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA05 KEXIN-MMBTA05 Datasheet
45Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_15 Datasheet
119Kb / 3P
   Driver Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com