Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4276BDT50RKG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV4276BDT50RKG
Description  400 mA Low?륞rop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276BDT50RKG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV4276BDT50RKG Datasheet HTML 7Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 8Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 9Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 10Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 11Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 12Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 13Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 14Page - ON Semiconductor NCV4276BDT50RKG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCV4276B
http://onsemi.com
11
Circuit Description
The NCV4276B is an integrated low dropout regulator
that provides a regulated voltage at 400 mA to the output.
It is enabled with an input to the inhibit pin. The regulator
voltage is provided by a PNP pass transistor controlled by
an error amplifier with a bandgap reference, which gives it
the lowest possible dropout voltage. The output current
capability is 400 mA, and the base drive quiescent current
is controlled to prevent oversaturation when the input
voltage is low or when the output is overloaded. The
regulator is protected by both current limit and thermal
shutdown. Thermal shutdown occurs above 150C to
protect the IC during overloads and extreme ambient
temperatures.
Regulator
The error amplifier compares the reference voltage to a
sample of the output voltage (VQ) and drives the base of a
PNP series pass transistor via a buffer. The reference is a
bandgap design to give it a temperature-stable output.
Saturation control of the PNP is a function of the load
current and input voltage. Oversaturation of the output
power device is prevented, and quiescent current in the
ground pin is minimized. See Figure 4, Test Circuit, for
circuit element nomenclature illustration.
Regulator Stability Considerations
The input capacitors (CI1 and CI2) are necessary to
stabilize the input impedance to avoid voltage line
influences. Using a resistor of approximately 1.0
W in
series with CI2 can stop potential oscillations caused by
stray inductance and capacitance.
The output capacitor helps determine three main
characteristics of a linear regulator: startup delay, load
transient response and loop stability. The capacitor value
and type should be based on cost, availability, size and
temperature constraints. The aluminum electrolytic
capacitor is the least expensive solution, but, if the circuit
operates at low temperatures (−25C to −40C), both the
value and ESR of the capacitor will vary considerably. The
capacitor manufacturer’s data sheet usually provides this
information.
The value for the output capacitor CQ, shown in Figure 3,
should work for most applications; see also Figures 5 to 7
for output stability at various load and Output Capacitor
ESR conditions. Stable region of ESR in Figures 5 to 7
shows ESR values at which the LDO output voltage does
not have any permanent oscillations at any dynamic
changes of output load current. Marginal ESR is the value
at which the output voltage waving is fully damped during
four periods after the load change and no oscillation is
further observable.
ESR characteristics were measured with ceramic
capacitors and additional series resistors to emulate ESR.
Low duty cycle pulse load current technique has been used
to maintain junction temperature close to ambient
temperature.
Minimum ESR for CQ =22 mF is native ESR of ceramic
capacitor with which the fixed output voltage devices are
performing stable. Murata ceramic capacitors were used,
GRM32ER71C226KE18 (22
mF, 16 V, X7R, 1210),
GRM31CR71C106KAC7 (10
mF, 16 V, X7R, 1206).
Calculating Bypass Capacitor
If usage of low ESR ceramic capacitors is demand in case
of Adjustable Regulator, connect the bypass capacitor Cb
between Voltage Adjust pin and Q pin according to
Applications circuit at Figure 4.
Parallel combination of bypass capacitor Cb with the
feedback resistor R1 contributes in the device transfer
function as an additional zero and affects the device loop
stability, therefore its value must be optimized. Attention
to the Output Capacitor value and its ESR must be paid. See
also Stability in High Speed Linear LDO Regulators
Application Note, AND8037/D for more information.
Optimal value of bypass capacitor is given by following
expression
Cb +
1
2
p
fz
R1
@ (F)
(eq. 1)
where
R1 = the upper feedback resistor
fz = the frequency of the zero added into the device
transfer function by R1 and Cb external components.
Set the R1 resistor according to output voltage
requirement. Chose the fz with regard on the output
capacitance CQ, refer to the table below.
CQ (mF)
10
22
47
100
fz Range (kHz)
20 - 50
14 - 35
10 - 20
7 – 14
Ceramic capacitors and its part numbers listed bellow
have been used as low ESR output capacitors CQ from the
table above to define the frequency ranges of additional
zero required for stability.
GRM31CR71C106KAC7 (10
mF, 16 V, X7R, 1206)
GRM32ER71C226KE18 (22
mF, 16 V, X7R, 1210)
GRM32ER61C476ME15 (47
mF, 16 V, X5R, 1210)
GRM32ER60J107ME20 (100
mF, 6.3 V, X5R, 1210)
Inhibit Input
The inhibit pin is used to turn the regulator on or off. By
holding the pin down to a voltage less than 1.8 V, the output
of the regulator will be turned off. When the voltage on the
Inhibit pin is greater than 2.8 V, the output of the regulator
will be enabled to power its output to the regulated output
voltage. The inhibit pin may be connected directly to the
input pin to give constant enable to the output regulator.
Setting the Output Voltage (Adjustable Version)
The output voltage range of the adjustable version can be
set between 2.5 V and 20 V. This is accomplished with an
external resistor divider feeding back the voltage to the IC


Similar Part No. - NCV4276BDT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
More results

Similar Description - NCV4276BDT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com