Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV5500DT15RKG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV5500DT15RKG
Description  500 mA LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5500DT15RKG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV5500DT15RKG Datasheet HTML 1Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 2Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 3Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 4Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 5Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 6Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 7Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 8Page - ON Semiconductor NCV5500DT15RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
2
Figure 1. Typical Application Circuit
Input
OFF ON
Output
GND
NCP5500
EN*
NC/ADJ*
GND
RL
Cout
4.7 mF
NCV5500
R1*
R2*
Enable
NCP5501
NCV5501
Cin
10 mF
*Applicable to NCP5500/NCV5500 only.
Vout
Vin
PIN FUNCTION DESCRIPTIONS
DPAK 3
DPAK 5
SOIC−8
Pin
Name
Description
Pin No.
Pin No.
Pin No.
1
8
EN
Enable. This pin allows for on/off control of the regulator. High level turns on the
output. To disable the device, connect to ground. If this function is not in use, con-
nect to Vin.
1
2
1
Vin
Positive power supply input voltage.
2, Tab
3, Tab
2, 3, 6, 7
GND
Ground. This pin is internally connected to the Tab heat sink.
3
4
4
Vout
Regulated output voltage.
5
5
NC/ADJ
No connection (Fixed output versions).
Voltage−adjust input (Adjustable output version). Use an external voltage divider
to set the output voltage over a range of 1.25 V to 5.0 V.
Figure 2. Block Diagram
+
NC / ADJ*
EN*
GND
Connection for Adjustable Output
Connection for Fixed Output
Error
Amplifier
Current Limit and
Saturation Sense
Bandgap
Reference
Thermal
Shutdown
*Applicable to NCP5500/NCV5500 only.
Vout
Vin
Enable
Block*


Similar Part No. - NCV5500DT15RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5500DT15RKG ONSEMI-NCV5500DT15RKG Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
More results

Similar Description - NCV5500DT15RKG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com