Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP585DSN15T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP585DSN15T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585DSN15T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP585DSN15T1G Datasheet HTML 1Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 2Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 3Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 4Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 5Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 6Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 7Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 8Page - ON Semiconductor NCP585DSN15T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP585
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
6.5
V
Input Voltage (CE or CE Pin)
VCE
−0.3 to 6.5
V
Input Voltage (ECO Pin)
VECO
−0.3 to 6.5
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Output Current
Iout
350
mA
Power Dissipation
SOT23−5
HSON−6
PD
250
400
mW
ESD Capability, Human Body Model, C = 100 pF, R = 1.5 kW
ESDHBM
2000
V
ESD Capability, Machine Model, C = 200 pF, R = 0 W
ESDMM
150
V
Operating Ambient Temperature Range
TA
−40 to +85
°C
Maximum Junction Temperature
TJ(max)
125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (Vin = Vout + 1.0 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage
Vin
1.4
6.0
V
Output Voltage (1.0 mA ≤ Iout ≤ 30 mA)
VECO = Vin
VECO = GND
Vout
Vout x 0.980
Vout x 0.970
Vout x 1.020
Vout x 1.030
V
Line Regulation (Iout = 30 mA, Vout + 0.5 V ≤ Vin ≤ 6.0 V)
FT Mode VECO = Vin
LP Mode VECO = GND
Regline
0.01
0.05
0.15
0.20
%/V
Load Regulation
FT Mode (1.0 mA ≤ Iout ≤ 300 mA), VECO = Vin
LP Mode (1.0 mA ≤ Iout ≤ 100 mA), VECO = GND
Regload
40
15
70
30
mV
Dropout Voltage (Iout = 300 mA)
Vout = 0.9 V
1.0 V v Vout v 1.25 V
1.5 V v Vout v 2.5 V
2.8 V v Vout v 3.3 V
VDO
ECO = H
0.55
0.48
0.31
0.23
ECO = L
0.59
0.51
0.32
0.24
ECO = H
0.78
0.70
0.45
0.35
ECO = L
0.80
0.75
0.48
0.375
V
Quiescent Current (Iout = 0 mA)
FT Mode, VECO = Vin
Vout < 1.8 V
Vout ≥ 1.8 V
LP Mode, VECO = GND
Vout < 1.6 V
Vout ≥ 1.8 V
Iq
80
60
3.5
4.5
111
90
8.0
9.0
mA
Output Current (Vin Vout = 1.0 V)
Iout
300
mA
Shutdown Current (VCE = Vin)
ISD
0.1
1.0
mA
Output Short Circuit Current (Vout = 0 V)
Ilim
50
mA
Enable Input Threshold Voltage − High
Enable Input Threshold Voltage − Low
Vthenh
Vthenl
1.0
0.0
Vin
0.3
V
Output Noise Voltage (10 Hz − 100 kHz)
Vn
30
mVrm
s
N−Channel On Resistance for Auto Discharge
RLow
60
W
Ripple Rejection
(Iout = 50 mA, Vout = 0.9 V, Vin − Vout = 1.0 V)
f = 120 Hz
f = 1.0 kHz
f = 10 kHz
RR
75
70
65
dB
Output Voltage Temperature Coefficient
(Iout = 30 mA, −40°C ≤ TA ≤ 85°C)
DVout/
DT
"100
ppm/
°C


Similar Part No. - NCP585DSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN12T1G ONSEMI-NCP585DSN12T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585DSN18T1G ONSEMI-NCP585DSN18T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
More results

Similar Description - NCP585DSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com