Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP585DSN25T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP585DSN25T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585DSN25T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP585DSN25T1G Datasheet HTML 3Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 4Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 5Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 6Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 7Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 8Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 9Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 10Page - ON Semiconductor NCP585DSN25T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCP585
http://onsemi.com
7
TYPICAL CHARACTERISTICS
FREQUENCY, f (kHz)
Iout = 1.0 mA
Iout = 30 mA
Iout = 50 mA
OUTPUT CURRENT, Iout (mA)
50
100
150
200
250
300
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0
OUTPUT CURRENT, Iout (mA)
Vout = 1.8 V
ECO = H
85°C
−40°C
25°C
50
100
150
200
250
300
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0
1
10
FREQUENCY, f (kHz)
100
100
70
60
50
40
30
20
10
0
0
80
90
1
10
100
100
70
60
50
40
30
20
10
0
0
80
90
Vout = 1.8 V
ECO = L
85°C
−40°C
25°C
Figure 22. Dropout Voltage vs. Output Current
Figure 23. Dropout Voltage vs. Output Current
Figure 24. Ripple Rejection vs. Frequency
Figure 25. Ripple Rejection vs. Frequency
Iout = 1.0 mA
Iout = 30 mA
Iout = 50 mA
Vout = 0.9 V
Vin = 1.9 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = H
Vout = 0.9 V
Vin = 1.9 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = L
Iout = 30 mA
1
10
100
100
70
60
50
40
30
20
10
0
0
80
90
Figure 26. Ripple Rejection vs. Frequency
Figure 27. Ripple Rejection vs. Frequency
1
10
100
100
70
60
50
40
30
20
10
0
0
80
90
FREQUENCY, f (kHz)
Iout = 1.0 mA
Iout = 50 mA
FREQUENCY, f (kHz)
Iout = 1.0 mA
Iout = 30 mA
Iout = 50 mA
Vout = 1.2 V
Vin = 2.2 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = H
Vout = 1.2 V
Vin = 2.2 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = L


Similar Part No. - NCP585DSN25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN09T1G ONSEMI-NCP585DSN09T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585DSN12T1G ONSEMI-NCP585DSN12T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585DSN18T1G ONSEMI-NCP585DSN18T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
More results

Similar Description - NCP585DSN25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com