Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS44599MN Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS44599MN
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS44599MN Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS44599MN Datasheet HTML 5Page - ON Semiconductor NLAS44599MN Datasheet HTML 6Page - ON Semiconductor NLAS44599MN Datasheet HTML 7Page - ON Semiconductor NLAS44599MN Datasheet HTML 8Page - ON Semiconductor NLAS44599MN Datasheet HTML 9Page - ON Semiconductor NLAS44599MN Datasheet HTML 10Page - ON Semiconductor NLAS44599MN Datasheet HTML 11Page - ON Semiconductor NLAS44599MN Datasheet HTML 12Page - ON Semiconductor NLAS44599MN Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NLAS44599
http://onsemi.com
9
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25°C
−55°C
85°C
125°C
85°C
−55°C
125°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
25°C
−55°C
85°C
25°C
125°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
2.0
1.0
3.0
4.0
5.0
6.0
Temperature (°C)
Figure 16. ICC vs. Temp, VCC = 3 V & 5 V
80
100
60
40
20
0
Figure 17. RON vs. VCC, Temp = 255C
VIS (VDC)
Figure 18. RON vs Temp, VCC = 2.0 V
Figure 19. RON vs. Temp, VCC = 2.5 V
VIS (VDC)
Figure 20. RON vs. Temp, VCC = 3.0 V
VIS (VDC)
−40
60
80
20
0
100
−20
120
VCC = 2.0 V
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 5.5 V
VCC = 3.0 V
VCC = 5.0 V
10
1
0.1
100
0.01
0.001
0.0001
0.00001
Figure 21. RON vs. Temp, VCC = 4.5 V
VIS (VDC)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS (VDC)
25°C
−55°C
125°C
85°C


Similar Part No. - NLAS44599MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS44599MN ONSEMI-NLAS44599MN Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAS44599MNG ONSEMI-NLAS44599MNG Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAS44599MNR2 ONSEMI-NLAS44599MNR2 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAS44599MNR2G ONSEMI-NLAS44599MNR2G Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
More results

Similar Description - NLAS44599MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com