Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP585LSAN09T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP585LSAN09T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585LSAN09T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP585LSAN09T1G Datasheet HTML 5Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 6Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 7Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 8Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 9Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 10Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 11Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 12Page - ON Semiconductor NCP585LSAN09T1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCP585
http://onsemi.com
11
ORDERING INFORMATION
Device
Output Type / Features
Nominal
Output Voltage
Marking
Package
Shipping
NCP585DSAN09T1G
Active High w/Auto Discharge,
LP and FT Mode
0.9
B09D
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585DSAN12T1G
Active High w/Auto Discharge,
LP and FT Mode
1.2
B12D
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585DSAN18T1G
Active High w/Auto Discharge,
LP and FT Mode
1.8
B18D
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585DSN09T1G
Active High w/Auto Discharge,
LP and FT Mode
0.9
R09
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN12T1G
Active High w/Auto Discharge,
LP and FT Mode
1.2
R12
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN125T1G
Active High w/Auto Discharge,
LP and FT Mode
1.25
R01
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN15T1G
Active High w/Auto Discharge,
LP and FT Mode
1.5
R15
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN18T1G
Active High w/Auto Discharge,
LP and FT Mode
1.8
R18
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN25T1G
Active High w/Auto Discharge,
LP and FT Mode
2.5
R25
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN28T1G
Active High w/Auto Discharge,
LP and FT Mode
2.8
R28
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN30T1G
Active High w/Auto Discharge,
LP and FT Mode
3.0
R30
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585DSN33T1G
Active High w/Auto Discharge,
LP and FT Mode
3.3
R33
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585HSAN09T1G
Active High,
LP and FT Mode
0.9
B09B
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585HSAN12T1G
Active High,
LP and FT Mode
1.2
B12B
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585HSAN18T1G
Active High,
LP and FT Mode
1.8
B18B
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585HSN09T1G
Active High,
LP and FT Mode
0.9
Q09
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585HSN10T1G
Active High,
LP and FT Mode
1.0
Q10
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585HSN12T1G
Active High,
LP and FT Mode
1.2
Q12
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585HSN18T1G
Active High,
LP and FT Mode
1.8
Q18
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585HSN30T1G
Active High,
LP and FT Mode
3.0
Q30
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585LSAN09T1G
Active Low,
LP and FT Mode
0.9
B09A
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585LSAN12T1G
Active Low,
LP and FT Mode
1.2
B12A
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585LSAN18T1G
Active Low,
LP and FT Mode
1.8
B18A
HSON−6
(Pb−Free)
3000 Tape & Reel
NCP585LSN09T1G
Active Low,
LP and FT Mode
0.9
P09
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585LSN12T1G
Active Low,
LP and FT Mode
1.2
P12
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP585LSN18T1G
Active Low,
LP and FT Mode
1.8
P18
SOT23−5
(Pb−Free)
3000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Other voltages are available. Consult your ON Semiconductor representative.


Similar Part No. - NCP585LSAN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585LSAN09T1G ONSEMI-NCP585LSAN09T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
More results

Similar Description - NCP585LSAN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com