Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP585LSN09T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP585LSN09T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585LSN09T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP585LSN09T1G Datasheet HTML 1Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 2Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 3Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 4Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 5Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 6Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 7Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 8Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP585
http://onsemi.com
5
TYPICAL CHARACTERISTICS
1.3
2.3
3.3
4.3
INPUT VOLTAGE, Vin (V)
5.3
6.3
8
7
6
5
4
3
2
1
0
0.3
Figure 10. Quiescent Current vs. Input Voltage
1.1
2.1
3.1
4.1
INPUT VOLTAGE, Vin (V)
5.1
6.1
8
7
6
5
4
3
2
1
0
0.1
Vout = 0.9 V
ECO = L
Figure 11. Quiescent Current vs. Input Voltage
1.3
2.3
3.3
4.3
INPUT VOLTAGE, Vin (V)
5.3
6.3
80
70
60
50
40
30
20
10
0
0.3
Figure 12. Quiescent Current vs. Input Voltage
Figure 13. Quiescent Current vs. Input Voltage
70
0.1
2.1
3.1
4.1
5.1
60
50
40
30
20
10
0
6.1
Vout = 0.9 V
ECO = H
100
90
80
1.1
INPUT VOLTAGE, Vin (V)
Vout = 1.8 V
ECO = H
Vout = 1.8 V
ECO = L
Figure 14. Output Voltage vs. Temperature
−25
0
25
50
TEMPERATURE (°C)
100
0.93
0.92
0.91
0.90
0.89
0.88
0.87
−50
75
Vout = 0.9 V
ECO = H
Figure 15. Output Voltage vs. Temperature
−25
0
25
50
TEMPERATURE (°C)
100
0.93
0.92
0.91
0.90
0.89
0.88
0.87
−50
75
Vout = 0.9 V
ECO = L


Similar Part No. - NCP585LSN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585LSN09T1G ONSEMI-NCP585LSN09T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
More results

Similar Description - NCP585LSN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com