Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA200SA60UP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GA200SA60UP
Description  Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GA200SA60UP Datasheet(HTML) 3 Page - Vishay Siliconix

  GA200SA60UP Datasheet HTML 1Page - Vishay Siliconix GA200SA60UP Datasheet HTML 2Page - Vishay Siliconix GA200SA60UP Datasheet HTML 3Page - Vishay Siliconix GA200SA60UP Datasheet HTML 4Page - Vishay Siliconix GA200SA60UP Datasheet HTML 5Page - Vishay Siliconix GA200SA60UP Datasheet HTML 6Page - Vishay Siliconix GA200SA60UP Datasheet HTML 7Page - Vishay Siliconix GA200SA60UP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GA200SA60UP
www.vishay.com
Vishay Semiconductors
Revision: 26-Oct-11
3
Document Number: 94364
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of Fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Maximum Collector Current vs.
Case Temperature
Fig. 5 - Typical Collector to Emitter Voltage vs.
Junction Temperature
0.1
f - Frequency (kHz)
1
10
100
For both:
Duty cycle: 50 %
T
J = 125 °C
T
sink = 90 °C
Gate drive as specified
Power dissipation = 140 W
Clamp voltage:
80 % of rated
Triangular wave:
I
0
40
80
120
160
200
60 % of rated
voltage
Ideal diodes
I
Square wave:
10
1000
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCE - Collector to Emitter Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GE = 15 V
20 µs pulse width
10
1000
100
5.0
6.0
7.0
8.0
VGE - Gate to Emitter Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GE = 25 V
5 µs pulse width
25
50
75
100
125
150
0
50
100
150
200
TC - Case Temperature (°C)
1
2
3
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
TJ - Junction Temperature (°C)
V
GE = 15 V
80 µs pulse width
I
C = 400 A
I
C = 100 A
I
C = 200 A


Similar Part No. - GA200SA60UP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA200SA60U IRF-GA200SA60U Datasheet
197Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - GA200SA60UP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
VS-GT100DA120UF VISHAY-VS-GT100DA120UF Datasheet
191Kb / 11P
   Insulated Gate Bipolar Transistor (Ultrafast IGBT), 100 A
01-Jan-2022
VS-GT100DA120UF VISHAY-VS-GT100DA120UF_V01 Datasheet
191Kb / 11P
   Insulated Gate Bipolar Transistor (Ultrafast IGBT), 100 A
01-Jan-2023
logo
International Rectifier
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com