Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7812BTG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC7812BTG
Description  1.0 A Positive Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7812BTG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC7812BTG Datasheet HTML 3Page - ON Semiconductor MC7812BTG Datasheet HTML 4Page - ON Semiconductor MC7812BTG Datasheet HTML 5Page - ON Semiconductor MC7812BTG Datasheet HTML 6Page - ON Semiconductor MC7812BTG Datasheet HTML 7Page - ON Semiconductor MC7812BTG Datasheet HTML 8Page - ON Semiconductor MC7812BTG Datasheet HTML 9Page - ON Semiconductor MC7812BTG Datasheet HTML 10Page - ON Semiconductor MC7812BTG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 500 mA, TJ = Tlow to 125C (Note 9), unless otherwise noted)
MC7808B/NCV7808B
MC7808C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25C)
VO
7.7
8.0
8.3
7.7
8.0
8.3
Vdc
Output Voltage (5.0 mA  IO  1.0 A, PD  15 W)
10.5 Vdc  Vin  23 Vdc
11.5 Vdc  Vin  23 Vdc
VO
7.6
8.0
8.4
7.6
8.0
8.4
Vdc
Line Regulation, TJ = 25C, (Note 10)
10.5 Vdc  Vin  25 Vdc
11 Vdc  Vin  17 Vdc
Regline
6.0
1.7
160
80
6.0
1.7
32
16
mV
Load Regulation, TJ = 25C (Note 10)
5.0 mA  IO  1.5 A
Regload
1.4
160
1.4
35
mV
Quiescent Current
IB
3.3
8.0
3.3
8.0
mA
Quiescent Current Change
10.5 Vdc  Vin  25 Vdc
5.0 mA  IO  1.0 A
DIB
0.5
1.0
0.5
mA
Ripple Rejection
11.5 Vdc  Vin  18 Vdc, f = 120 Hz
RR
62
56
62
dB
Dropout Voltage (IO = 1.0 A, TJ = 25C)
VI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25C)
10 Hz  f  100 kHz
Vn
10
10
mV/VO
Output Resistance f = 1.0 kHz
rO
0.9
0.9
mW
Short Circuit Current Limit (TA = 25C)
Vin = 35 Vdc
ISC
0.2
0.2
A
Peak Output Current (TJ = 25C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.4
−0.4
mV/C
9. Tlow =0C for MC78XXC, MC78XXAC,
= *40C for NCV78XX, MC78XXB, MC78XXAB, and MC78XXAEB
10.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - MC7812BTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7812BTG ONSEMI-MC7812BTG Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7812BTG ONSEMI-MC7812BTG Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7812BTG ONSEMI-MC7812BTG Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC7812BTG ONSEMI-MC7812BTG Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7812BTG ONSEMI-MC7812BTG Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results

Similar Description - MC7812BTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com