Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICROSMD005F-2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MICROSMD005F-2
Description  RoHS compliant, Halogen free
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MICROSMD005F-2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MICROSMD005F-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MICROSMD005F-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
125
RoHS Compliant, ELV Compliant
HF Halogen Free
12
midSMD Series
Size 5050 mm/2018 mils
SMD030F-2018
4.72
5.44
1.78
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
S3
(0.186) (0.214)
(0.070)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
decaSMDC050F/60
4.70
5.31
0.63
0.89
4.19
4.81
0.25
0.95
0.25
——
S2
(0.185) (0.209)
(0.025) (0.035)
(0.165) (0.189)
(0.010) (0.040)
(0.010)
——
SMD100F-2018
4.72
5.44
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
S3
(0.186) (0.214)
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
SMD150F-2018
4.72
5.44
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
S3
(0.186) (0.214)
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
SMD200F-2018
4.72
5.44
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
S3
(0.186) (0.214)
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
SMD Series
Size 7555 mm/2920 mils
SMD030F
6.73
7.98
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD050F
6.73
7.98
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD075F
6.73
7.98
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD075F/60
6.73
7.98
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD100F
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD100F/33
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMDH120
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD125F
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD260F
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD300F
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD300F/15
6.73
7.98
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
8.00
9.40
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD150F/33
8.00
9.40
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMDH160
8.00
9.40
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD185F
8.00
9.40
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD200F
8.00
9.40
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD250F
8.00
9.40
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table S4 Dimensions for Surface-mount Devices in Millimeters (Inches)
Cont’d


Similar Part No. - MICROSMD005F-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MICROSMD005F MACOM-MICROSMD005F Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices
microSMD005F MACOM-microSMD005F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
microSMD005F MACOM-microSMD005F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
MICROSMD005F MACOM-MICROSMD005F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
MICROSMD005F LITTELFUSE-MICROSMD005F Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - MICROSMD005F-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com