Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF5P10 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQPF5P10
Description  100V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF5P10 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQPF5P10 Datasheet HTML 1Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 2Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 3Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 4Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 5Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 6Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 7Page - Fairchild Semiconductor FQPF5P10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. B, August 2002
©2002 Fairchild Semiconductor Corporation
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 9.8mH, IAS = -2.9A, VDD = -25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -4.5A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -100 V, VGS = 0 V
--
--
-1
µA
VDS = -80 V, TC = 150°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -1.45 A
--
0.82
1.05
gFS
Forward Transconductance
VDS = -40 V, ID = -1.45 A
--
2.1
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
190
250
pF
Coss
Output Capacitance
--
70
90
pF
Crss
Reverse Transfer Capacitance
--
18
25
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -50 V, ID = -4.5 A,
RG = 25 Ω
--
9
30
ns
tr
Turn-On Rise Time
--
70
150
ns
td(off)
Turn-Off Delay Time
--
12
35
ns
tf
Turn-Off Fall Time
--
30
70
ns
Qg
Total Gate Charge
VDS = -80 V, ID = -4.5 A,
VGS = -10 V
--
6.3
8.2
nC
Qgs
Gate-Source Charge
--
1.7
--
nC
Qgd
Gate-Drain Charge
--
3.0
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-2.9
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-11.2
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -2.9 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -4.5 A,
dIF / dt = 100 A/µs
--
85
--
ns
Qrr
Reverse Recovery Charge
--
0.27
--
µC


Similar Part No. - FQPF5P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
More results

Similar Description - FQPF5P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com