Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGC-9 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # AGC-9
Description  AGC Series, Fast Acting, Glass Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

AGC-9 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  AGC-9 Datasheet HTML 1Page - Cooper Bussmann, Inc. AGC-9 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast-acting, glass tube
• Optional axial leads available
• 1/4 x 1-1/4 (6.3mm x 32mm) physical size
• Glass tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Agency Information
• UL Listed Card: AGC 1/500-10
• UL Recognition Card: AGC 11-45
• CSA Component Acceptance Card (Class No. 1422 30)
• CSA Certification Card (Class No. 1422 01)
Environmental Data
• Shock: 1/100A thru 3/4A – MIL-STD-202,
Method 213, Test Condition I; 1A thru 30A –
MIL-STD-202, Method 207, (HI Shock)
• Vibration: 1/100A thru 30A – MIL-STD-202,
Method 204, Test Condition A (Except 5g, 500HZ)
Ordering
• Specify packaging, product, and option code
Dimensions (mmin)
Drawing Not to Scale
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
None
135%
60 Minutes Maximum
200%
120 Seconds Maximum
SPECIFICATIONS
Voltage
AC Interrupting
Typical DC Cold
Typical
Typical
Product Code
Rating
Rating
Resistance**
Melting I2t†
Voltage
AC
250V
125V
32V
(ohms)
AC
Drop‡
AGC-1/20
250V
35A
10000A
-
4.500
0.00773
0.67
AGC-1/16
250V
35A
10000A
-
29.000
0.000181
10.41
AGC-1/10
250V
35A
10000A
-
12.565
0.000787
6.00
AGC-1/8
250V
35A
10000A
-
6.800
0.00131
4.67
AGC-3/16
250V
35A
10000A
-
4.900
0.00637
4.12
AGC-2/10
250V
35A
10000A
-
3.360
0.00435
4.51
AGC-1/4
250V
35A
10000A
-
2.300
0.0148
0.89
AGC-3/10
250V
35A
10000A
-
1.670
0.0208
2.88
AGC-3/8
250V
35A
10000A
-
1.203
0.0321
4.59
AGC-1/2
250V
35A
10000A
-
0.615
0.269
0.59
AGC-3/4
250V
35A
10000A
-
0.312
0.815
0.37
AGC-1
250V
35A
10000A
-
0.190
1.615
0.31
AGC-1-1/4
250V
100A
10000A
-
0.145
0.018
0.35
AGC-1-1/2
250V
100A
10000A
-
0.115
0.0149
0.27
AGC-2
250V
100A
10000A
-
0.078
0.00509
0.28
AGC-2-1/4
250V
100A
10000A
-
0.067
0.00588
0.26
AGC-2-1/2
250V
100A
10000A
-
0.057
0.00879
0.31
AGC-3
250V
100A
10000A
-
0.045
0.0167
0.25
AGC-4
250V
200A
10000A
-
0.030
0.0305
0.22
AGC-5
250V
200A
10000A
-
0.024
0.045
0.23
AGC-6
250V
200A
10000A
-
0.020
0.071
0.23
AGC-7
250V
200A
10000A
-
0.017
0.105
0.23
AGC-7-1/2
250V
200A
10000A
-
0.0146
-
-
AGC-8
250V
200A
10000A
-
0.014
0.152
0.19
AGC-9
250V
200A
10000A
-
0.012
0.21
0.18
AGC-10
250V
200A
10000A
-
0.008
0.492
0.20
AGC-12
32V
-
-
1000A
0.0070
-
-
AGC-14
32V
-
-
1000A
0.0062
-
-
AGC-15
32V
-
-
1000A
0.006
0.566
0.14
AGC-20
32V
-
-
1000A
0.004
1.438
0.12
AGC-25
32V
-
-
1000A
0.003
2.109
0.11
AGC-30
32V
-
-
1000A
0.002
3.807
0.12
AGC-35
32V
-
-
70A
0.0014
-
-
AGC-40
32V
-
-
80A
0.0019
-
-
** DC Cold Resistance (Measured at
≤10% of rated current)
† Typical Melting I2t (A2Sec) (I2t was measured at listed interrupting rating and rated voltage.)
‡ Typical Voltage Drop (Voltage drop was measured at 25°C ambient temperature at rated current)
1/4" x 1-1/4" Fuses
AGC Series, Fast Acting, Glass Tube
RoHS
2002/95/EC


Similar Part No. - AGC-9

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGC-9 COOPER-AGC-9 Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
AGC-9-R COOPER-AGC-9-R Datasheet
307Kb / 3P
   Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
logo
Eaton All Rights Reserv...
AGC-9-R EATON-AGC-9-R Datasheet
492Kb / 2P
   1/4??x 1 1????Fast-acting glass tube fuses
AGC-9-R EATON-AGC-9-R Datasheet
953Kb / 5P
   1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
   CLASSIC II CABINET
More results

Similar Description - AGC-9

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BK-AGC-1-2-R COOPER-BK-AGC-1-2-R Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
   Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
AGA EATON-AGA Datasheet
517Kb / 2P
   1/4x5/8 Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
   Fast-Acting 1??? x 7??? Glass Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses GMA Series
ABC-1-4 COOPER-ABC-1-4 Datasheet
232Kb / 3P
   Fast-acting, ceramic tube
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com