Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BKP1005HS100-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # BKP1005HS100-T
Description  Multilayer Chip Bead Inductors for Power Lines (BK series P type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BKP1005HS100-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  BKP1005HS100-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS
Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005HS100-T
Features
Item Summary
10Ω, 2A, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Impedance
10Ω
Impedance Measuring Frequency
100MHz
Rated Current
2A
DC Resistance (max)
30mΩ
Temperature Range
-55℃ to 85℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
T
0.5mm ±0.05
e
0.25mm ±0.10
Typical Characteristics Fig.
2013.07.08
1 / 1


Similar Part No. - BKP1005HS100-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BKP1005HS100-T TAIYO-YUDEN-BKP1005HS100-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005HS100-T8 TAIYO-YUDEN-BKP1005HS100-T8 Datasheet
276Kb / 2P
   Multilayer Chip Bead Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (BK series P type)
BKP1005HS100-TV TAIYO-YUDEN-BKP1005HS100-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Power Inductors for Automotive
BKP1005HS100-TV TAIYO-YUDEN-BKP1005HS100-TV Datasheet
276Kb / 2P
   Multilayer Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series P type)
BKP1005HS100-TV TAIYO-YUDEN-BKP1005HS100-TV_V01 Datasheet
276Kb / 2P
   Multilayer Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (BK series P type)
More results

Similar Description - BKP1005HS100-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BKP0603HM800-T TAIYO-YUDEN-BKP0603HM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP0603HS800-T TAIYO-YUDEN-BKP0603HS800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP0603TM220-T TAIYO-YUDEN-BKP0603TM220-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1608HS600-T TAIYO-YUDEN-BKP1608HS600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005EM600-T TAIYO-YUDEN-BKP1005EM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005EM221-T TAIYO-YUDEN-BKP1005EM221-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005EM300-T TAIYO-YUDEN-BKP1005EM300-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005HM121-T TAIYO-YUDEN-BKP1005HM121-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005HM221-T TAIYO-YUDEN-BKP1005HM221-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP1005TS121-T TAIYO-YUDEN-BKP1005TS121-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
BKP0603HM100-T TAIYO-YUDEN-BKP0603HM100-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors for Power Lines (BK series P type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com