Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3LIS331DL Datasheet(PDF) 11 Page - STMicroelectronics

Part # H3LIS331DL
Description  MEMS motion sensor: low-power high-g 3-axis digital accelerometer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS331DL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button H3LIS331DL Datasheet HTML 7Page - STMicroelectronics H3LIS331DL Datasheet HTML 8Page - STMicroelectronics H3LIS331DL Datasheet HTML 9Page - STMicroelectronics H3LIS331DL Datasheet HTML 10Page - STMicroelectronics H3LIS331DL Datasheet HTML 11Page - STMicroelectronics H3LIS331DL Datasheet HTML 12Page - STMicroelectronics H3LIS331DL Datasheet HTML 13Page - STMicroelectronics H3LIS331DL Datasheet HTML 14Page - STMicroelectronics H3LIS331DL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID023111 Rev 2
11/38
H3LIS331DL
Mechanical and electrical specifications
38
2.3
Communication interface characteristics
2.3.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
Figure 3. SPI slave timing diagram (2)
2. Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output ports.
3. When no communication is ongoing, data on CS, SPC, SDI and SDO are driven by internal pull-up resistors.
Table 5. SPI slave timing values
Symbol
Parameter
Value (1)
Unit
Min.
Max.
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
9
tdis(SO)
SDO output disable time
50
1. Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not
tested in production.


Similar Part No. - H3LIS331DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS331DLTR STMICROELECTRONICS-H3LIS331DLTR Datasheet
1,023Kb / 11P
   NFC dynamic tag sensor and processing node evaluation board
rev 1 - November 2022
More results

Similar Description - H3LIS331DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
   MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
June 2021 Rev 1
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
   MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
   MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4 - January 2021
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
May 2019 Rev 4
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com